Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMMAS500G Datasheet (PDF) - Motorola, Inc

XMMAS500G Datasheet PDF - Motorola, Inc
Part # XMMAS500G
Download  XMMAS500G Download
File Size   137.67 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED

XMMAS500G Datasheet (PDF)

Go To PDF Page Download Datasheet
XMMAS500G Datasheet PDF - Motorola, Inc

Part # XMMAS500G
Download  XMMAS500G Click to download

File Size   137.67 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED

XMMAS500G Datasheet (HTML) - Motorola, Inc




Similar Part No. - XMMAS500G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XMMAS500G10D MOTOROLA-XMMAS500G10D Datasheet
137Kb / 4P
MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED
XMMAS500G10S MOTOROLA-XMMAS500G10S Datasheet
137Kb / 4P
MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED
More results


Similar Description - XMMAS500G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMAS40G10D MOTOROLA-MMAS40G10D Datasheet
75Kb / 4P
MICROMACHINED ACCELEROMETER 짹40g
MMAS40GWB MOTOROLA-MMAS40GWB Datasheet
85Kb / 4P
MICROMACHINED ACCELEROMETER 짹40g AMPLIFIED
XMMA1000P MOTOROLA-XMMA1000P Datasheet
161Kb / 8P
MICROMACHINED ACCELEROMETER
XMMAS250G MOTOROLA-XMMAS250G Datasheet
139Kb / 4P
MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
XMMAS250G10D MOTOROLA-XMMAS250G10D Datasheet
139Kb / 4P
MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
XMMAS500G10D MOTOROLA-XMMAS500G10D Datasheet
137Kb / 4P
MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED
MMA1201P MOTOROLA-MMA1201P Datasheet
267Kb / 8P
MICROMACHINED ACCELEROMETER
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
Low G Micromachined Accelerometer
logo
NXP Semiconductors
MMA1201P NXP-MMA1201P Datasheet
328Kb / 8P
Micromachined Accelerometer
REV 0
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com