Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02N06Z Datasheet (PDF) - Unisonic Technologies

02N06Z Datasheet PDF - Unisonic Technologies
Part # 02N06Z
Download  02N06Z Download
File Size   168.29 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.2A, 60V SILICON N-CHANNEL MOSFET

02N06Z Datasheet (PDF)

Go To PDF Page Download Datasheet
02N06Z Datasheet PDF - Unisonic Technologies

Part # 02N06Z
Download  02N06Z Click to download

File Size   168.29 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.2A, 60V SILICON N-CHANNEL MOSFET

02N06Z Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 02N06Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
02N120 INFINEON-02N120 Datasheet
402Kb / 13P
Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
logo
Rectron Semiconductor
02N17 RECTRON-02N17 Datasheet
361Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
02N18 RECTRON-02N18 Datasheet
361Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
02N19 RECTRON-02N19 Datasheet
361Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
logo
Unisonic Technologies
02N50 UTC-02N50 Datasheet
141Kb / 3P
N-CHANNEL POWER MOSFET
More results


Similar Description - 02N06Z

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2N7002SN HSMC-H2N7002SN Datasheet
117Kb / 5P
N-Channel MOSFET (60V, 0.2A)
logo
Fairchild Semiconductor
FQT1N80TF FAIRCHILD-FQT1N80TF Datasheet
814Kb / 8P
N-Channel MOSFET 800V, 0.2A, 20
logo
Unisonic Technologies
BSS139Z UTC-BSS139Z Datasheet
137Kb / 3P
0.2A, 50V N-CHANNEL POWER MOSFET
logo
Dongguan City Niuhang E...
NVT075N03S NIUHANG-NVT075N03S Datasheet
750Kb / 8P
Silicon 60V N-Channel MOSFET
NVT150N06C NIUHANG-NVT150N06C Datasheet
917Kb / 8P
Silicon 60V N-Channel MOSFET
logo
Torex Semiconductor
XP231N0201TR-G TOREX-XP231N0201TR-G Datasheet
269Kb / 6P
N-channel MOSFET 30V, 0.2A
XP231N02013R-G TOREX-XP231N02013R-G Datasheet
397Kb / 6P
N-channel MOSFET 30V, 0.2A
XP231N02015R-G TOREX-XP231N02015R-G Datasheet
402Kb / 6P
N-channel MOSFET 30V, 0.2A
XP231N02017R-G TOREX-XP231N02017R-G Datasheet
401Kb / 6P
N-channel MOSFET 30V, 0.2A
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com