Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65Z Datasheet (PDF) - Unisonic Technologies

4N65Z Datasheet PDF - Unisonic Technologies
Part # 4N65Z
Download  4N65Z Download
File Size   339.79 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4A, 650V N-CHANNEL POWER MOSFET

4N65Z Datasheet (PDF)

Go To PDF Page Download Datasheet
4N65Z Datasheet PDF - Unisonic Technologies

Part # 4N65Z
Download  4N65Z Click to download

File Size   339.79 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4A, 650V N-CHANNEL POWER MOSFET

4N65Z Datasheet (HTML) - Unisonic Technologies


4N65Z Product details

„  DESCRIPTION

TheUTC 4N65Z is ahigh voltage power MOSFET designed to have better characteristics, such as fast s witching time, low gate charge, low on-state resistance and have a high rugged avalanche

characteristic. This power MOSFETis usuall y usedin hi gh speed switching applications  including p ower s upplies, PW M motor controls, high efficient DC to DCconverters and bridge circuits.



FEATURES

* RDS(ON)= 2.5Ω@VGS=10 V

* Ultra LowGateCharge ( typical 15 nC)

* LowReverse Transfer Capacitance ( CRSS= Typical 8.0 pF)

* Fast Switching Capability

* Avalanche EnergySpecified

* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 4N65Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65Z-E UTC-4N65Z-E Datasheet
197Kb / 6P
N-CHANNEL POWER MOSFET
4N65ZG-TF1-T UTC-4N65ZG-TF1-T Datasheet
197Kb / 6P
N-CHANNEL POWER MOSFET
4N65ZG-TN3-R UTC-4N65ZG-TN3-R Datasheet
197Kb / 6P
N-CHANNEL POWER MOSFET
4N65ZG-TN3-T UTC-4N65ZG-TN3-T Datasheet
197Kb / 6P
N-CHANNEL POWER MOSFET
4N65ZL-TF1-T UTC-4N65ZL-TF1-T Datasheet
197Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 4N65Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65K UTC-4N65K Datasheet
334Kb / 8P
4A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND65CI TSC-TSM4ND65CI Datasheet
321Kb / 6P
N-Channel Power MOSFET 650V, 4A, 2.6廓
logo
Jiangsu Donghai Semicon...
4NE65 WXDH-4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
B4NE65 WXDH-B4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
BSJ4N65 WXDH-BSJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
D4NE65 WXDH-D4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
E4NE65 WXDH-E4NE65 Datasheet
1Mb / 13P
4A 650V N-channel Enhancement Mode Power MOSFET
ESJ4N65 WXDH-ESJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
SJ4N65 WXDH-SJ4N65 Datasheet
1Mb / 11P
4A 650V N-channel Super Junction Power MOSFET ?
logo
AiT Semiconductor Inc.
AM04N65 AITSEMI-AM04N65 Datasheet
827Kb / 10P
MOSFET 650V, 4A N-CHANNEL
REV1.0 - JUN 2022
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com