Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM10 Datasheet (PDF) - Clare, Inc.

CM10 Datasheet PDF - Clare, Inc.
Part # CM10
Download  CM10 Download
File Size   319.0 Kbytes
Page   4 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Molded Mini-DYAD

CM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM10 Datasheet PDF - Clare, Inc.

Part # CM10
Download  CM10 Click to download

File Size   319.0 Kbytes
Page   4 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Molded Mini-DYAD

CM10 Datasheet (HTML) - Clare, Inc.


CM10 Product details

Description
Clares Molded Mini DYAD dry reed switches are ideally suited for small switching signal applications. This switch has sputtered tuthenium contacts and an extraordinary seal strength, achieved by a patented laser sealing of the glass. In a low level or dry switching environments, both switches typically provide >1 billion operations. The switches have hermetically sealed contacts and offer a wide range of available magnetic sensitivities. In addition, the molding process provides a solid plastic outer shell. This plastic shell provides superior mechanical strength, eliminates concerns over handling glass switches, and provides an ideal solution for high speed, automated assembly environments

Features
• Small size
• SMT-compatible
• Easily formed leads
• Sputtered ruthenium contacts
• Hermetically sealed contacts
• Fast switching speed — up to 500Hz
• Wide range of available magnetic sensitivities
• Superior mechanical strength
• Enhanced for better auto placement

Applications
• Security
    − Proximity sensing
    − Smoke alarms
• Automotive
    − Level sensor
    − Lamp current sensor
• Relays




Similar Part No. - CM10

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM10 CML-CM10 Datasheet
227Kb / 1P
G-3 1/2 Miniature 2 Pin Base
logo
Bourns Electronic Solut...
CM10 BOURNS-CM10 Datasheet
419Kb / 7P
SMT Chip Inductors
logo
DDK Ltd.
CM10 DDK-CM10 Datasheet
334Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
logo
Bourns Electronic Solut...
CM10 BOURNS-CM10 Datasheet
449Kb / 9P
SMT Chip Inductors
logo
Visual Communications C...
CM10 VCC-CM10 Datasheet
32Kb / 1P
Base
More results


Similar Description - CM10

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM15 CLARE-CM15 Datasheet
318Kb / 4P
Molded DYAD
FR2 CLARE-FR2 Datasheet
446Kb / 5P
Dyad
MN2 CLARE-MN2 Datasheet
404Kb / 5P
Mini-Dyad
UM2 CLARE-UM2 Datasheet
338Kb / 4P
Ultra-Mini Dyad
CM5 CLARE-CM5 Datasheet
316Kb / 4P
Molded Ultra-Mini DYAD?
logo
Rohm
SML-210X ROHM-SML-210X Datasheet
881Kb / 3P
Mini-molded chip LEDs
SML-310LTT86 ROHM-SML-310LTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310VTT86 ROHM-SML-310VTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
Overmolded DYAD
CM5 COTO-CM5 Datasheet
597Kb / 3P
Molded Ultra-Mini DYAD
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com