Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15N10L-TN3-R Datasheet (PDF) - Unisonic Technologies

15N10L-TN3-R Datasheet PDF - Unisonic Technologies
Part # 15N10L-TN3-R
Download  15N10L-TN3-R Download
File Size   182.52 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 14.7A, 100V (D-S) N-CHANNEL POWER MOSFET

15N10L-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
15N10L-TN3-R Datasheet PDF - Unisonic Technologies

Part # 15N10L-TN3-R
Download  15N10L-TN3-R Click to download

File Size   182.52 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 14.7A, 100V (D-S) N-CHANNEL POWER MOSFET

15N10L-TN3-R Datasheet (HTML) - Unisonic Technologies


15N10L-TN3-R Product details

DESCRIPTION

The UTC 15N10is an N-Channel enhancement MOSFET, it uses UTC’s advanced technology to provide customers with a minimum on-state resistance, high switching speed and low gate charge.

The UTC 15N10is suitable for high efficiency switching DC/DC converter, LCD display inverter and load switch.



FEATURES

* RDS(ON)=0.08Ω@VGS=10V,ID=8A

* Low gate charge (Typ=24nC) 

* Low CRSS (Typ=23pF)

* High switching speed




Similar Part No. - 15N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
15N10L-TN3-R VBSEMI-15N10L-TN3-R Datasheet
1,008Kb / 7P
N-Channel 100 V (D-S) MOSFET
More results


Similar Description - 15N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3472N ANALOGPOWER-AM3472N Datasheet
97Kb / 3P
N-Channel 100V (D-S) MOSFET
AM2370N ANALOGPOWER-AM2370N Datasheet
153Kb / 3P
N-Channel 100V (D-S) MOSFET
AM3470N ANALOGPOWER-AM3470N Datasheet
181Kb / 3P
N-Channel 100V (D-S) MOSFET
logo
Shenzhen Foster Semicon...
FIR14N02DG FOSTER-FIR14N02DG Datasheet
3Mb / 8P
N-Channel 100V (D-S) MOSFET
FIR14N10DG FOSTER-FIR14N10DG Datasheet
4Mb / 7P
N-Channel 100V (D-S) MOSFET
FIR60N04BPG FOSTER-FIR60N04BPG Datasheet
4Mb / 7P
N-Channel 100V(D-S) MOSFET
FIR60N04LG FOSTER-FIR60N04LG Datasheet
4Mb / 7P
N-Channel 100V(D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBE1105 VBSEMI-VBE1105 Datasheet
609Kb / 8P
N-Channel 100V (D-S) MOSFET
logo
SHIKUES Electronics
SK15N10 SKTECHNOLGY-SK15N10 Datasheet
1Mb / 4P
N-Channel 100V(D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBE1105 VBSEMI-VBE1105_V01 Datasheet
622Kb / 8P
N-Channel 100V (D-S) MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com