Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60N15 Datasheet (PDF) - Unisonic Technologies

60N15 Datasheet PDF - Unisonic Technologies
Part # 60N15
Download  60N15 Download
File Size   134.77 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 60A, 150V N-CHANNEL POWER MOSFET

60N15 Datasheet (PDF)

Go To PDF Page Download Datasheet
60N15 Datasheet PDF - Unisonic Technologies

Part # 60N15
Download  60N15 Click to download

File Size   134.77 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 60A, 150V N-CHANNEL POWER MOSFET

60N15 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 60N15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
60N10 ISC-60N10 Datasheet
60Kb / 2P
Fast Switching Speed
logo
Jiangsu Donghai Semicon...
60N10 WXDH-60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
713Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
714Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
719Kb / 10P
60A 100V N-channel Enhancement Mode Power MOSFET
More results


Similar Description - 60N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
150V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM15N15 TSC-TSM15N15 Datasheet
89Kb / 4P
150V N-Channel Power MOSFET
logo
Unisonic Technologies
UF6N15Z UTC-UF6N15Z Datasheet
144Kb / 3P
6A, 150V N-CHANNEL POWER MOSFET
20N15 UTC-20N15 Datasheet
187Kb / 4P
20A, 150V N-CHANNEL POWER MOSFET
20N15V UTC-20N15V Datasheet
144Kb / 4P
20A, 150V N-CHANNEL POWER MOSFET
40N15 UTC-40N15 Datasheet
151Kb / 3P
40A, 150V N-CHANNEL POWER MOSFET
UF5N15Z UTC-UF5N15Z Datasheet
146Kb / 3P
5A, 150V N-CHANNEL POWER MOSFET
logo
Shenzhen Foster Semicon...
FIR120N15PG FOSTER-FIR120N15PG Datasheet
2Mb / 6P
150V N-Channel Power Mosfet
logo
Rohm
RS6R060BH ROHM-RS6R060BH Datasheet
2Mb / 13P
Nch 150V 60A Power MOSFET
20220603 - Rev.002
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com