Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFP264 Datasheet (PDF) - Unisonic Technologies

UFP264 Datasheet PDF - Unisonic Technologies
Part # UFP264
Download  UFP264 Download
File Size   192.59 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 38A, 250V N-CHANNEL POWER MOSFET

UFP264 Datasheet (PDF)

Go To PDF Page Download Datasheet
UFP264 Datasheet PDF - Unisonic Technologies

Part # UFP264
Download  UFP264 Click to download

File Size   192.59 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 38A, 250V N-CHANNEL POWER MOSFET

UFP264 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UFP264

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UFP20C FCI-UFP20C Datasheet
1Mb / 2P
60 Amp Dual Super Fast Power Rectifiers Outline Free Pb
logo
Unisonic Technologies
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
UFP254G-TF2-T UTC-UFP254G-TF2-T Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
UFP254L-TF2-T UTC-UFP254L-TF2-T Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
More results


Similar Description - UFP264

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB45NF06 STMICROELECTRONICS-STB45NF06 Datasheet
112Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET™ POWER MOSFET
Aug-2000
logo
International Rectifier
IRFP264 IRF-IRFP264 Datasheet
168Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.075ohm, Id=38A)
logo
Unisonic Technologies
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDMS36101L_F085 FAIRCHILD-FDMS36101L_F085 Datasheet
421Kb / 6P
N-Channel Power Trench MOSFET 100V, 38A, 26m
logo
Unisonic Technologies
12N25 UTC-12N25 Datasheet
194Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
250V N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
40N06B KIA-40N06B Datasheet
196Kb / 5P
38A竊?0V N-CHANNEL MOSFET
logo
Shindengen Electric Mfg...
P38LF6QL SHINDENGEN-P38LF6QL Datasheet
470Kb / 4P
Power MOSFETs 60V, 38A, N-channel
P38LF6QLK SHINDENGEN-P38LF6QLK Datasheet
1Mb / 7P
Power MOSFETs 60V, 38A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com