Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1230 Datasheet (PDF) - Clare, Inc.

CPC1230 Datasheet PDF - Clare, Inc.
Part # CPC1230
Download  CPC1230 Download
File Size   180.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 4 Pin SOP OptoMOS Relay

CPC1230 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1230 Datasheet PDF - Clare, Inc.

Part # CPC1230
Download  CPC1230 Click to download

File Size   180.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 4 Pin SOP OptoMOS Relay

CPC1230 Datasheet (HTML) - Clare, Inc.


CPC1230 Product details

Description
The CPC1230N is a miniature 1-Form-A solid state relay in a 4 pin SOP package that employs optically coupled MOSFET technology to provide 1500Vrms of input to output isolation and is compliant with supplementary isolation in accordance with EN/IEC 60950-1. The efficient MOSFET switches and photovoltaic die use Clare’s patented OptoMOS® architecture. The optically coupled output is controlled by a highly efficient GaAIAs infrared LED. The CPC1230N uses Clare’s state of the art double molded vertical construction packaging to produce the world’s smallest 4 pin relay. The CPC1230N offers board space savings of at least 20% over the competitor’s larger 4 pin SOP relay.

Features
• Small 4 Pin SOP Package
• Low Drive Power Requirements (TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 1500Vrms Input/Output Isolation
• 0.4mm Distance Through Insulation
   (Supplementary Isolation Requirement of EN60950)
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Tape & Reel Version Available

Applications
• Telecommunications
   • Telecom Switching
   • Tip/Ring Circuits
   • Modem Switching (Laptop, Notebook, Pocket Size)
   • Hook Switch
   • Dial Pulsing
   • Ground Start
   • Ringing Injection
• Instrumentation
   • Multiplexers
   • Data Acquisition
   • Electronic Switching
   • I/O Subsystems
   • Meters (Watt-Hour, Water, Gas)
• Medical Equipment
   Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls




Similar Part No. - CPC1230

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1230N CLARE-CPC1230N Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1230NTR CLARE-CPC1230NTR Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1230NTR IXYS-CPC1230NTR Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1230N CLARE-CPC1230N_1 Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
More results


Similar Description - CPC1230

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM5 CLARE-CM5 Datasheet
195Kb / 4P
4 Pin SOP OptoMOS Relay
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
4 Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com