Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2400E Datasheet (PDF) - Clare, Inc.

CPC2400E Datasheet PDF - Clare, Inc.
Part # CPC2400E
Download  CPC2400E Download
File Size   117.0 Kbytes
Page   18 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Embedded Modem Module

CPC2400E Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC2400E Datasheet PDF - Clare, Inc.

Part # CPC2400E
Download  CPC2400E Click to download

File Size   117.0 Kbytes
Page   18 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Embedded Modem Module

CPC2400E Datasheet (HTML) - Clare, Inc.


CPC2400E Product details

Description
The CPC2400E is a 2400 baud embedded modem module intended for applications that require a data communications link to the Public Switched Telephone Network (PSTN). The CPC2400E is a complete module on a small 1.0” x 2.5” printed circuit board that can be socketed or soldered into the host system mother board. The module is FCC Part 68 approved and includes a user transferrable registration number. It also is a UL recognized component. The CPC2400E can be used in a variety of applications including set top box back channel communications, vending machines, remote utility metering, remote data acquisition, plus a host of other applications. The CPC2400E supports a standard serial V.24 TTL interface to the DTE equipment.

Features
• Easy Integration
• Small Footprint 1.00” x 2.50”
• Full Duplex 2400bps
• Low Power Consumption
• V.24 DTE Interface
• Single +5V Supply Operation
• Supported Protocols: V.22bis, V.23, V.22
• UL Recognized Component
• FCC Part 15B Compliant
• FCC Part 68 Approved (User Transferrable)

Applications
• Vending/Gaming Machines
• Set Top Box Back Channel
• Direct Broadcast Satellite
• Utility Meters
• Point of Sale Terminals
• Remote Diagnostics
• Remote Telemetry
• Remote Monitoring
• Embedded Applications




Similar Part No. - CPC2400E

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2014NTR CLARE-CPC2014NTR Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014NTR IXYS-CPC2014NTR Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
More results


Similar Description - CPC2400E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1414C ETC-XE1414C Datasheet
77Kb / 18P
Worldwide 14.4 KBPS Modem Module for Embedded Applications
XE5614L ETC1-XE5614L Datasheet
67Kb / 17P
Compact 56 KBPS Modem Module for Embedded Applications
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
EMBEDDED V.90 MODEM DSP
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
Compact, Low-Cost Global Embedded Modem
XE3314L ETC2-XE3314L Datasheet
58Kb / 16P
Compact 33.6 KBPS Modem Module for Embedded Applications
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
Embedded HSDPA Modem
logo
List of Unclassifed Man...
SC56H0 ETC2-SC56H0 Datasheet
62Kb / 3P
MultiTech SocketModem Embedded Modem
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
Embedded audio-band modem
logo
Advantech Co., Ltd.
C-PCM-24S24G ADVANTECH-C-PCM-24S24G Datasheet
461Kb / 2P
iDoor Communication Module with a MultiTech Dragonfly??embedded cellular modem
25-May-2020
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com