Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYG2217 Datasheet (PDF) - Clare, Inc.

CYG2217 Datasheet PDF - Clare, Inc.
Part # CYG2217
Download  CYG2217 Download
File Size   382.6 Kbytes
Page   4 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description CYBERGATE

CYG2217 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYG2217 Datasheet PDF - Clare, Inc.

Part # CYG2217
Download  CYG2217 Click to download

File Size   382.6 Kbytes
Page   4 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description CYBERGATE

CYG2217 Datasheet (HTML) - Clare, Inc.


CYG2217 Product details

Description
Clare’s Cybergate™ CYG2217 DAA module provides a complete telephone line interface circuit, including a 2-4 wire converter for transmit and receive signal separation in a small 1.07" x 1.07" x 0.4" package. The module provides a fast and cost effective solution for designs that require an interface to the telephone line. The module is designed to meet FCC part 68 requirements thus providing a low risk design solution.

Features
• Low distortion transformer signal coupling (0.01% max)
• Complete ring detector circuit
• Low power hookswitch
• Electronic inductor/gyrator circuit
• Solid state surge protection
• Transient protection zeners
• Complete hybrid circuit (2-4 wire converter) included
• Compatible with all modem chip sets
• V.32 bis/V.34 compatible

Applications
• Modems
• Fax machines
• Remote data acquisition
• Security systems
• Voice mail systems
• PC motherboard
• Computer telephony
• Process control
• Medical
• PBX
• Direct broadcast satellite




Similar Part No. - CYG2217

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
Cybergate DAA
More results


Similar Description - CYG2217

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CYG20XX CLARE-CYG20XX Datasheet
71Kb / 6P
Cybergate
CYG2100 CLARE-CYG2100 Datasheet
36Kb / 4P
CYBERGATE
CYG23XX CLARE-CYG23XX Datasheet
93Kb / 5P
CYBERGATE
CYG2911 CLARE-CYG2911 Datasheet
47Kb / 4P
Cybergate
CYG2100 CLARE-CYG2100_1 Datasheet
105Kb / 5P
CYBERGATE??DAA Module
CYG2218 CLARE-CYG2218 Datasheet
102Kb / 4P
CYBERGATE?
logo
IXYS Corporation
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
Cybergate DAA
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
Cybergate DAA
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com