Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITC137P Datasheet (PDF) - Clare, Inc.

ITC137P Datasheet PDF - Clare, Inc.
Part # ITC137P
Download  ITC137P Download
File Size   450.0 Kbytes
Page   8 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Integrated Telecom Circuits

ITC137P Datasheet (PDF)

Go To PDF Page Download Datasheet
ITC137P Datasheet PDF - Clare, Inc.

Part # ITC137P
Download  ITC137P Click to download

File Size   450.0 Kbytes
Page   8 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Integrated Telecom Circuits

ITC137P Datasheet (HTML) - Clare, Inc.


ITC137P Product details

Description
The Integrated Telecom Circuit combines a 1-Form-A solid state relay, bridge rectifier, Darlington transistor, optocoupler and zener diodes into one 16 pin SOIC package, consolidating designs and reducing component count in telecom applications. The ITC137P’s optocoupler provides for ful wave detection of the ring signal.

Features
• Small 16 Pin SOIC Package (PCMCIA Compatible)
• Board Space and Cost Savings
• 2mW Hookswitch Drive Power (Logic Compatible)
• No Moving Parts
• 3750VRMS Input/Output Isolation
• FCC Compatible Part 68
• Full-Wave Bridge Rectifier
• Darlington Transistor for Electronic Inductor “Dry” Circuits
• Full Wave Current Detector for Ring Signal or Loop Current Detect
• JEDEC Standard Pin Out
• Includes Zener Diodes

Applications
• Data/Fax Modem
• Voice Mail Systems
• Telephone Sets
• Computer Telephony Integration
• Set Top Box Modems




Similar Part No. - ITC137P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
ITC137P IXYS-ITC137P Datasheet
142Kb / 8P
Integrated Telecom Circuits
ITC137PTR IXYS-ITC137PTR Datasheet
142Kb / 8P
Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
Integrated Telecom Circuits
More results


Similar Description - ITC137P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
Integrated Telecom Circuits
IAD110P CLARE-IAD110P Datasheet
399Kb / 6P
Integrated Telecom Circuits
IAD112N CLARE-IAD112N Datasheet
375Kb / 4P
Integrated Telecom Circuits
IBB110P CLARE-IBB110P Datasheet
383Kb / 6P
Integrated Telecom Circuits
ITC117P CLARE-ITC117P Datasheet
421Kb / 8P
Integrated Telecom Circuits
ITC135P CLARE-ITC135P Datasheet
415Kb / 8P
Integrated Telecom Circuits
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
Integrated Telecom Circuits
logo
IXYS Corporation
IBB110P IXYS-IBB110P_12 Datasheet
123Kb / 7P
Integrated Telecom Circuits
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
Integrated Telecom Circuits
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com