Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA100 Datasheet (PDF) - Clare, Inc.

LAA100 Datasheet PDF - Clare, Inc.
Part # LAA100
Download  LAA100 Download
File Size   116.0 Kbytes
Page   7 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description DUAL POLE OptoMOS Relay

LAA100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAA100 Datasheet PDF - Clare, Inc.

Part # LAA100
Download  LAA100 Click to download

File Size   116.0 Kbytes
Page   7 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description DUAL POLE OptoMOS Relay

LAA100 Datasheet (HTML) - Clare, Inc.


LAA100 Product details

Description
LAA100 is a 350V, 120mA, 25Ω 2-Form-A relay. It features improved on-resistance. Current limiting version is available ("L" suffix).

Features
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
   Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750VRMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel
   Versions Available

Applications
• Telecommunications
   • Telecom Switching
   • Tip/Ring Circuits
   • Modem Switching (Laptop, Notebook, Pocket Size)
   • Hookswitch
   • Dial Pulsing
   • Ground Start
   • Ringer Injection
• Instrumentation
   • Multiplexers
   • Data Acquisition
   • Electronic Switching
   • I/O Subsystems
   • Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls




Similar Part No. - LAA100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA100 IXYS-LAA100 Datasheet
133Kb / 7P
Dual Single-Pole OptoMOS Relays
logo
Littelfuse
LAA100 LITTELFUSE-LAA100 Datasheet
225Kb / 7P
Normally Open Relays
11/18/2025
logo
Clare, Inc.
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LAA100L IXYS-LAA100L Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
logo
Littelfuse
LAA100L LITTELFUSE-LAA100L Datasheet
222Kb / 7P
Current Limiting, Normally Open Relays
11/18/2025
More results


Similar Description - LAA100

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
Dual Pole OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
DUAL POLE OptoMOS Relay
LBA120 CLARE-LBA120 Datasheet
125Kb / 8P
DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
DUAL POLE OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
DUAL POLE OptoMOS Relay
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com