Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2035ZL-AE3-R Datasheet (PDF) - Unisonic Technologies

UT2035ZL-AE3-R Datasheet PDF - Unisonic Technologies
Part # UT2035ZL-AE3-R
Download  UT2035ZL-AE3-R Download
File Size   158.46 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -3.6A, -20V P-CHANNEL ENHANCEMENT MODE MOSFET

UT2035ZL-AE3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UT2035ZL-AE3-R Datasheet PDF - Unisonic Technologies

Part # UT2035ZL-AE3-R
Download  UT2035ZL-AE3-R Click to download

File Size   158.46 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -3.6A, -20V P-CHANNEL ENHANCEMENT MODE MOSFET

UT2035ZL-AE3-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UT2035ZL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2035ZG-AE3-R UTC-UT2035ZG-AE3-R Datasheet
189Kb / 3P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT2035Z UTC-UT2035Z_15 Datasheet
189Kb / 3P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - UT2035ZL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
logo
Will Semiconductor Ltd.
WPM2037 WILLSEMI-WPM2037 Datasheet
285Kb / 6P
Single P-Channel, -20V, -3.6A , Power MOSFET
WPMD2075 WILLSEMI-WPMD2075 Datasheet
662Kb / 6P
Dual P-Channel, -20V, -3.6A, Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com