Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT36N10 Datasheet (PDF) - Unisonic Technologies

UTT36N10 Datasheet PDF - Unisonic Technologies
Part # UTT36N10
Download  UTT36N10 Download
File Size   218.48 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 36A, 100V N-CHANNEL POWER MOSFET

UTT36N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT36N10 Datasheet PDF - Unisonic Technologies

Part # UTT36N10
Download  UTT36N10 Click to download

File Size   218.48 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 36A, 100V N-CHANNEL POWER MOSFET

UTT36N10 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT36N10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT36N10L-TA3-T VBSEMI-UTT36N10L-TA3-T Datasheet
984Kb / 8P
N-Channel 100-V (D-S) MOSFET
More results


Similar Description - UTT36N10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
100V N-Channel Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
100V N-Channel Power MOSFET
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
TSM70N10 TSC-TSM70N10_14 Datasheet
489Kb / 8P
100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
100V N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
logo
Rohm
RQ3P300BE ROHM-RQ3P300BE Datasheet
2Mb / 15P
Nch 100V 36A Power MOSFET
logo
Shindengen Electric Mfg...
P36F28HP2 SHINDENGEN-P36F28HP2 Datasheet
2Mb / 8P
Power MOSFETs 280V, 36A, N-channel
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
100V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com