Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS127 Datasheet (PDF) - Unisonic Technologies

BSS127 Datasheet PDF - Unisonic Technologies
Part # BSS127
Download  BSS127 Download
File Size   230.96 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.021A, 600V SMALL-SIGNAL-TRANSISTOR

BSS127 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS127 Datasheet PDF - Unisonic Technologies

Part # BSS127
Download  BSS127 Click to download

File Size   230.96 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.021A, 600V SMALL-SIGNAL-TRANSISTOR

BSS127 Datasheet (HTML) - Unisonic Technologies


BSS127 Product details

DESCRIPTION
The UTC BSS127 is an enhancement N-channel mode Power FET, it uses UTC’s advanced technology to provide customers ultra high switching speed and ultra low gate charge.

FEATURES
* RDS(ON)<600Ω @ VGS= 4.5V, ID=0.016A RDS(ON)<500Ω@ VGS=10V, ID=0.016A
* Ultra Low Gate Charge (Typical 140nC)
* Ultra High Switching Speed




Similar Part No. - BSS127

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS127 INFINEON-BSS127 Datasheet
271Kb / 9P
SIPMOS짰 Small-Signal-Transistor
Rev. 1.1 2006-03-24
BSS127 INFINEON-BSS127 Datasheet
253Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.47 2010-07-29
logo
Diodes Incorporated
BSS127 DIODES-BSS127 Datasheet
366Kb / 6P
Low Input Capacitance
Rev 7
logo
Rectron Semiconductor
BSS127 RECTRON-BSS127 Datasheet
242Kb / 6P
N-Channel Enhancement Mode Power MOSFET
2020-11/82/43 REV:B
BSS127 RECTRON-BSS127 Datasheet
300Kb / 6P
N-Channel Enhancement Mode Power MOSFET
2020-11/82/43 REV:O
More results


Similar Description - BSS127

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com