Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB110 Datasheet (PDF) - Clare, Inc.

LCB110 Datasheet PDF - Clare, Inc.
Part # LCB110
Download  LCB110 Download
File Size   131.03 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relay

LCB110 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCB110 Datasheet PDF - Clare, Inc.

Part # LCB110
Download  LCB110 Click to download

File Size   131.03 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relay

LCB110 Datasheet (HTML) - Clare, Inc.


LCB110 Product details

Description
The LCB110 is a 1-Form-B relay which uses optically coupled MOSFET technology to provide 3750V of input to output isolation. The efficient MOSFET switches and photovoltaic die use Clare’s patented OptoMOS® architecture. A highly efficient GaAIAs infrared LED controls the optically coupled input. The LCB110 has low on resistance and is well suited for most applications requiring a normally closed relay. The device is available in small 6-pin dual in line package in standard though hole and surface mount lead bend.

Features
• Small 6 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750VRMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available

Applications
• Telecommunications
    • Telecom Switching
    • Tip/Ring Circuits
    • Modem Switching (Laptop, Notebook, Pocket Size)
    • Hookswitch
    • Dial Pulsing
    • Ground Start
    • Ringer Injection
• Instrumentation
    • Multiplexers
    • Data Acquisition
    • Electronic Switching
    • I/O Subsystems
    • Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls




Similar Part No. - LCB110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB110S IXYS-LCB110S Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB110STR IXYS-LCB110STR Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
More results


Similar Description - LCB110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
Single Pole OptoMOS Relay
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com