Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIP10-G-LC-R Datasheet (PDF) - Assmann Electronics Inc.

ADIP10-G-LC-R Datasheet PDF - Assmann Electronics Inc.
Part # ADIP10-G-LC-R
Download  ADIP10-G-LC-R Download
File Size   348.87 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description DIP Connector, 2.54 x 7.62MM, 10 Contacts, Gold Plated

ADIP10-G-LC-R Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIP10-G-LC-R Datasheet PDF - Assmann Electronics Inc.

Part # ADIP10-G-LC-R
Download  ADIP10-G-LC-R Click to download

File Size   348.87 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description DIP Connector, 2.54 x 7.62MM, 10 Contacts, Gold Plated

ADIP10-G-LC-R Datasheet (HTML) - Assmann Electronics Inc.




Similar Part No. - ADIP10-G-LC-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
ADIP14-G-LC ASSMANN-ADIP14-G-LC Datasheet
343Kb / 1P
DIP connector - 14 contact
ADIP18-G-LC ASSMANN-ADIP18-G-LC Datasheet
343Kb / 1P
DIP connector - 18 contact
More results


Similar Description - ADIP10-G-LC-R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
Pomona Electronics
7057 POMONA-7057 Datasheet
167Kb / 2P
Gold plated center contacts.
logo
SUYIN USA, INC.
254322MR SUYIN-USA-254322MR Datasheet
202Kb / 1P
2.54 x 2.54mm DUAL ROW HEADER EASY BREAKABLE R/A DIP TYPE
254355MS SUYIN-USA-254355MS Datasheet
131Kb / 1P
2.54 X 2.54mm PITCH BOX HEADER STRAIGHT DIP TYPE
logo
GREATECS
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
Tyco Electronics
746611 MACOM-746611 Datasheet
113Kb / 1P
KIT, AMP-LATCH DIP PLUG, PREASSEMVLED .100 X .300 CENTERS, 30 GOLD DUPLEX CONTACTS
logo
E-SWITCH
K200260 E-SWITCH-K200260 Datasheet
113Kb / 1P
TERMINAL AND CONTACTS: GOLD PLATED COPPER ALLOY
logo
Adam Technologies, Inc.
FTRL-XX-G ADAM-TECH-FTRL-XX-G Datasheet
76Kb / 1P
DIP PLUG GOLD PLATED
logo
Skyworks Solutions Inc.
SKY77526 SKYWORKS-SKY77526 Datasheet
64Kb / 2P
Gold-plated, lead-free contacts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com