Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN140A75 Datasheet (PDF) - SIPAT Co,Ltd

LBN140A75 Datasheet PDF - SIPAT Co,Ltd
Part # LBN140A75
Download  LBN140A75 Download
File Size   353.2 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 140MHz SAW Filter

LBN140A75 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBN140A75 Datasheet PDF - SIPAT Co,Ltd

Part # LBN140A75
Download  LBN140A75 Click to download

File Size   353.2 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 140MHz SAW Filter

LBN140A75 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBN140A75

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A72 SIPAT-LBN140A72 Datasheet
190Kb / 3P
140MHz SAW Filter 17.65MHz Bandwidth
LBN140A72 SIPAT-LBN140A72 Datasheet
190Kb / 3P
140MHz SAW Filter
LBN140A73 SIPAT-LBN140A73 Datasheet
323Kb / 3P
140MHz SAW Filter
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
140MHz SAW Filter 13.2MHz Bandwidth
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
140MHz SAW Filter
More results


Similar Description - LBN140A75

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
140MHz SAW Filter
LB140DS47 SIPAT-LB140DS47 Datasheet
153Kb / 3P
140MHz SAW Filter
LBN140A05 SIPAT-LBN140A05 Datasheet
150Kb / 3P
140MHz SAW Filter
LBN140A06 SIPAT-LBN140A06 Datasheet
152Kb / 3P
140MHz SAW Filter
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
140MHz SAW Filter
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
140MHz SAW Filter
LBN140A38 SIPAT-LBN140A38 Datasheet
151Kb / 3P
140MHz SAW Filter
LBN140A51 SIPAT-LBN140A51 Datasheet
151Kb / 3P
140MHz SAW Filter
logo
Golledge Electronics Lt...
MP02644 GOLLEDGE-MP02644 Datasheet
126Kb / 6P
SAW Filter 140MHz
MP03218 GOLLEDGE-MP03218 Datasheet
79Kb / 4P
SAW Filter 140MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com