Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOC210 Datasheet (PDF) - Clare, Inc.

LOC210 Datasheet PDF - Clare, Inc.
Part # LOC210
Download  LOC210 Download
File Size   74.0 Kbytes
Page   5 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Linear Optocouplers

LOC210 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOC210 Datasheet PDF - Clare, Inc.

Part # LOC210
Download  LOC210 Click to download

File Size   74.0 Kbytes
Page   5 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Linear Optocouplers

LOC210 Datasheet (HTML) - Clare, Inc.


LOC210 Product details

Description

LOC210 is a dual linear optocoupler for use in telecom, medical and power supply isolation circuits. They are available in a 16 Pin SOIC package.



Features

• 16 Pin SOIC Package (PCMCIA Compatible)

• Couples Analog and Digital Signals

• Wide Bandwidth (>200kHz)

• High Gain Stability

• Low Input/Output Capacitance

• Low Power Consumption

• 0.01% Servo Linearity

• THD 87dB Typical

• Machine Insertable, Wave Solderable

• Surface Mount and Tape Reel Versions Available

• VDE Compatible



Applications

• Modem Transformer Replacement With No Insertion Loss

• Digital Telephone Isolation

• Power Supply Feedback Voltage/Current

• Medical Sensor Isolation

• Audio Signal Interfacing

• Isolation of Process Control Transducers



 




Similar Part No. - LOC210

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LOC210 IXYS-LOC210 Datasheet
107Kb / 5P
Dual Linear Optocouplers
LOC210P IXYS-LOC210P Datasheet
107Kb / 5P
Dual Linear Optocouplers
LOC210PTR IXYS-LOC210PTR Datasheet
107Kb / 5P
Dual Linear Optocouplers
More results


Similar Description - LOC210

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC110 CLARE-LOC110 Datasheet
139Kb / 6P
Linear Optocouplers
LOC111 CLARE-LOC111 Datasheet
139Kb / 6P
Linear Optocouplers
LOC112 CLARE-LOC112 Datasheet
139Kb / 6P
Linear Optocouplers
LOC211 CLARE-LOC211 Datasheet
74Kb / 5P
Linear Optocouplers
logo
Silonex Inc.
NSL-32H-100 SILONEX-NSL-32H-100 Datasheet
207Kb / 1P
OPTOCOUPLERS
logo
Texas Instruments
TIL127 TI-TIL127 Datasheet
235Kb / 6P
OPTOCOUPLERS
TIL124 TI-TIL124 Datasheet
632Kb / 8P
OPTOCOUPLERS
logo
Silonex Inc.
NSL-26 SILONEX-NSL-26 Datasheet
18Kb / 1P
Optocouplers
logo
Clare, Inc.
LOC211P CLARE-LOC211P Datasheet
395Kb / 4P
Linear Optocouplers
logo
IXYS Corporation
LOC210 IXYS-LOC210 Datasheet
107Kb / 5P
Dual Linear Optocouplers
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com