Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC320 Datasheet (PDF) - Microchip Technology

25LC320 Datasheet PDF - Microchip Technology
Part # 25LC320
Download  25LC320 Download
File Size   400.25 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K SPI Bus Serial EEPROM

25LC320 Datasheet (PDF)

Go To PDF Page Download Datasheet
25LC320 Datasheet PDF - Microchip Technology

Part # 25LC320
Download  25LC320 Click to download

File Size   400.25 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K SPI Bus Serial EEPROM

25LC320 Datasheet (HTML) - Microchip Technology


25LC320 Product details

DESCRIPTION

The Microchip Technology Inc. 25LC320 is a 32K-bit serial Electrically Erasable PROM (EEPROM). The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines.



FEATURES

• SPI modes 0,0 and 1,1

• 3.0 MHz Clock Rate

• Single supply with Programming Operation down to 2.5V

• Low Power CMOS Technology

- Max Write Current: 5.0 mA

- Read Current: 1 mA at 5.5V, 3 Mhz

- Standby Current: 1 µA typical

• 4096 x 8 Organization

• 32-Byte Page

• Sequential Read

• Self-timed ERASE and WRITE Cycles

• Block Write Protection

- Protect none, 1/4, 1/2, or all of Array

• Built-in Write Protection

- Power On/Off Data Protection Circuitry

- Write Enable Latch

- Write Protect Pin

• High Reliability

- Endurance: 1M cycles (guaranteed)

- Data Retention: >200 years

- ESD protection: >4000V

• 8-pin PDIP/SOIC, 14-pin TSSOP

• Temperature ranges supported

- Commercial (C): 0°C to +70°C

- Industrial (I): -40°C to +85°C




Similar Part No. - 25LC320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC320 MICROCHIP-25LC320 Datasheet
87Kb / 12P
32K 2.5V SPI Bus Serial EEPROM
1996
25LC320 MICROCHIP-25LC320 Datasheet
383Kb / 24P
32K SPI Bus Serial EEPROM
2004
25LC320 MICROCHIP-25LC320 Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25LC320 MICROCHIP-25LC320 Datasheet
284Kb / 24P
32K SPI Bus Serial EEPROM
07/12/04
25LC320-E/P MICROCHIP-25LC320-E/P Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
More results


Similar Description - 25LC320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25C320 MICROCHIP-25C320 Datasheet
86Kb / 12P
32K 5.0V SPI Bus Serial EEPROM
2004
25LC320 MICROCHIP-25LC320 Datasheet
87Kb / 12P
32K 2.5V SPI Bus Serial EEPROM
1996
25AA320 MICROCHIP-25AA320 Datasheet
383Kb / 24P
32K SPI Bus Serial EEPROM
2004
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
Microchip Technology
25AA320A MICROCHIP-25AA320A Datasheet
425Kb / 26P
32K SPI Bus Serial EEPROM
2007
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
32K SPI Bus Serial EEPROM
2007
25AA320 MICROCHIP-25AA320_08 Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25AA320A MICROCHIP-25AA320A_09 Datasheet
518Kb / 30P
32K SPI Bus Serial EEPROM
2009
25LC320SN MICROCHIP-25LC320SN Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25C320 MICROCHIP-25C320 Datasheet
284Kb / 24P
32K SPI Bus Serial EEPROM
07/12/04
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com