Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMT275 Datasheet (PDF) - Clare, Inc.

PMT275 Datasheet PDF - Clare, Inc.
Part # PMT275
Download  PMT275 Download
File Size   29.0 Kbytes
Page   3 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS

PMT275 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMT275 Datasheet PDF - Clare, Inc.

Part # PMT275
Download  PMT275 Click to download

File Size   29.0 Kbytes
Page   3 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS

PMT275 Datasheet (HTML) - Clare, Inc.


PMT275 Product details

DESCRIPTION
CP Clare’s PMT(275) and UMT(275) Series surge protectors (350-500V and 550-2500V respectively) provide a high level of protection from high-speed, high-current transient surges. These devices are constructed using a proprietary semiconductor junction process which results in nanosecond response times combined with peak current ratings in excess of 20kA.

FEATURES
■ Fast impulse breakdown (≤125% of typical DC breakdown at 5kV/µs)
■ Tight DC breakdown voltage tolerance (±10%)
■ Low capacitance

APPLICATIONS
■ Test equipment
■ Video displays
■ Medical electronics
■ Instrumentation circuits




Similar Part No. - PMT275

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT2 DELTA-PMT2 Datasheet
981Kb / 11P
PMT2 Panel Mount Power Supply
April 2020, Rev. 05
PMT2 DELTA-PMT2 Datasheet
1Mb / 11P
PMT2 Panel Mount Power Supply
October 2020, Rev. 06
PMT2 DELTA-PMT2 Datasheet
1Mb / 11P
PMT2 Panel Mount Power Supply
June 2021, Rev. 00
PMT2 DELTA-PMT2 Datasheet
1Mb / 12P
PMT2 Panel Mount Power Supply
July 2021, Rev. 01
logo
NXP Semiconductors
PMT200EN NXP-PMT200EN Datasheet
220Kb / 13P
100 V N-channel Trench MOSFET
25 October 2012
More results


Similar Description - PMT275

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PMT301 CLARE-PMT301 Datasheet
59Kb / 3P
HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS
UNI-IMPS CLARE-UNI-IMPS Datasheet
92Kb / 3P
HIGH-SPEED TRANSIENT SURGE PROTECTORS
logo
Bourns Electronic Solut...
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
TBU High Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
TBU High-Speed Protectors
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
High-Speed Protectors
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
High-Speed Protectors
TBU-KE BOURNS-TBU-KE Datasheet
526Kb / 6P
High Speed Protectors
TBU-PK BOURNS-TBU-PK Datasheet
796Kb / 7P
High-Speed Protectors
TBU-PL BOURNS-TBU-PL Datasheet
628Kb / 7P
High-Speed Protectors
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com