Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC354NJ0000F Datasheet (PDF) - Sharp Corporation

PC354NJ0000F Datasheet PDF - Sharp Corporation
Part # PC354NJ0000F
Download  PC354NJ0000F Download
File Size   206.46 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Package, AC Input Photocoupler

PC354NJ0000F Datasheet (PDF)

Go To PDF Page Download Datasheet
PC354NJ0000F Datasheet PDF - Sharp Corporation

Part # PC354NJ0000F
Download  PC354NJ0000F Click to download

File Size   206.46 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Package, AC Input Photocoupler

PC354NJ0000F Datasheet (HTML) - Sharp Corporation


PC354NJ0000F Product details

■ Description
PC354NJ0000F Series contains an IRED optically coupled to a phototransistor.
It is packaged in a 4-pin Mini-flat package. Input-output isolation voltage(rms) is 3.75kV.
Collector-emitter voltage is 80V and CTR is 20% to 400% at input current of ±1mA.

■ Features
1. 4-pin Mini-flat package
2. Double transfer mold package (Ideal for Flow Soldering)
3. AC input type
4. High collector-emitter voltage (VCEO : 80V)
5. High isolation voltage between input and output (Viso(rms) : 3.75kV)
6. Lead-free and RoHS directive compliant

■ Applications
1. Hybrid substrates that require high density mounting.
2. Programmable controllers




Similar Part No. - PC354NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
Mini-flat Package, AC Input Photocoupler
More results


Similar Description - PC354NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
Mini-flat Package, AC Input Type Photocoupler
PC314 SHARP-PC314 Datasheet
154Kb / 4P
OPAQUE MINI-FLAT PACKAGE, AC INPUT TYPE PHOTOCOUPLER
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
Mini-flat Package, AC Input Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
Mini-flat Package, AC Input Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4J00000F SHARP-PC3H4J00000F Datasheet
211Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com