Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10062086 Datasheet (PDF) - FCI connector

10062086 Datasheet PDF - FCI connector
Part # 10062086
Download  10062086 Download
File Size   335.25 Kbytes
Page   4 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description SO DIMM SOCKET, P=0.8mm 144 POSITION, STD PROFILE

10062086 Datasheet (PDF)

Go To PDF Page Download Datasheet
10062086 Datasheet PDF - FCI connector

Part # 10062086
Download  10062086 Click to download

File Size   335.25 Kbytes
Page   4 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description SO DIMM SOCKET, P=0.8mm 144 POSITION, STD PROFILE

10062086 Datasheet (HTML) - FCI connector




Similar Part No. - 10062086

ManufacturerPart #DatasheetDescription
logo
ROSE Systemtechnik GmbH
10062004 ROSE-10062004 Datasheet
486Kb / 3P
Polyester Enclosure Standard 160 x 160 x 91 mm
10062008 ROSE-10062008 Datasheet
601Kb / 3P
Aluminium Enclosure Standard 140 x 200 x 91 mm
More results


Similar Description - 10062086

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
390112-1 MACOM-390112-1 Datasheet
378Kb / 2P
DIMM SOCKET ASSY, 0.8mm, 3.3V 144 POSITION
logo
Adam Technologies, Inc.
SOD-200-S-3-52-R-2 ADAM-TECH-SOD-200-S-3-52-R-2 Datasheet
76Kb / 1P
SO DIMM SOCKET
SOD-200-S-3-80-2 ADAM-TECH-SOD-200-S-3-80-2 Datasheet
84Kb / 1P
SO DIMM SOCKET
SOD-200-S-3-80-R-1 ADAM-TECH-SOD-200-S-3-80-R-1 Datasheet
145Kb / 1P
SO DIMM SOCKET
SOD-200-S-5-40-R-1 ADAM-TECH-SOD-200-S-5-40-R-1 Datasheet
136Kb / 1P
SO DIMM SOCKET
SOD-200-S-5-52-R-G-1 ADAM-TECH-SOD-200-S-5-52-R-G-1 Datasheet
137Kb / 1P
SO DIMM SOCKET
SOD-204-S-4-40-R-1 ADAM-TECH-SOD-204-S-4-40-R-1 Datasheet
109Kb / 1P
SO DIMM SOCKET
SOD-204-S-4-52-2 ADAM-TECH-SOD-204-S-4-52-2 Datasheet
75Kb / 1P
SO DIMM SOCKET
SOD-204-S-4-52-R-1 ADAM-TECH-SOD-204-S-4-52-R-1 Datasheet
117Kb / 1P
SO DIMM SOCKET
SOD-204-S-4-80-R-1 ADAM-TECH-SOD-204-S-4-80-R-1 Datasheet
140Kb / 1P
SO DIMM SOCKET
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com