Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C955 Datasheet (PDF) - Cypress Semiconductor

CY7C955 Datasheet PDF - Cypress Semiconductor
Part # CY7C955
Download  CY7C955 Download
File Size   466.25 Kbytes
Page   78 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description AX??ATM-SONET/SDH Transceiver

CY7C955 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C955 Datasheet PDF - Cypress Semiconductor

Part # CY7C955
Download  CY7C955 Click to download

File Size   466.25 Kbytes
Page   78 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description AX??ATM-SONET/SDH Transceiver

CY7C955 Datasheet (HTML) - Cypress Semiconductor


CY7C955 Product details

Functional Description
The Cypress Semiconductor CY7C955 is a Transceiver chip designed to carry ATM cells across SONET/SDH systems.

Features
• WAN and LAN ATM physical layer device
• Provides complete physical layer transport of ATM cells at:
    — STS−3c/ STM−1 rate of 155.52 MHz
    — STS−1 rate of 51.84 MHz
• Compliant with ATM Forum User Network Interface 3.1 specification
• UTOPIA ATM interface
• ATM cell processing including:
    — HEC generation/verification
    — Cell scrambling/descrambling
    — Rate adaption/idle cell filtering
    — Local Flow Control
    — Cell alignment
• SONET frame processing including:
    — Compliant with Bellcore GR−253, I.432, T1.105, and G.709 for Jitter Tolerance and Jitter Generation
    — Frame generation/recovery
    — SONET scrambling/descrambling
    — Frequency justification/pointer processing
• Complete line interface including:
    — Clock and data recovery
    — Transmit timing derived from receiver or byte-rate source
    — SONET compliant PLL
    — 100K PECL compatible I/O
• Alarm indications including:
    — Loss Of Signal
    — Out Of Frame, Loss Of Frame
    — Line Far End Receive Failure
    — Line Alarm Indication Signal
    — B1 Parity Error
    — Loss Of Cell Alignment
    — Loss Of Receive Data
• Controller interface for internal interrupt and configuration registers including:
    — Error monitoring
    — Status indication
    — Device configuration
• 0.65µ Low Power CMOS
• 128-pin PQFP




Similar Part No. - CY7C955

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C9536B CYPRESS-CY7C9536B Datasheet
757Kb / 46P
OC-48/STM-16 Framer with VC - POSIC2GVC?
CY7C9536B-BLC CYPRESS-CY7C9536B-BLC Datasheet
757Kb / 46P
OC-48/STM-16 Framer with VC - POSIC2GVC?
CY7C9536B-BLI CYPRESS-CY7C9536B-BLI Datasheet
757Kb / 46P
OC-48/STM-16 Framer with VC - POSIC2GVC?
CY7C9537B CYPRESS-CY7C9537B Datasheet
686Kb / 43P
OC-48/STM-16 Framer-POSIC2G
CY7C9537B-BLC CYPRESS-CY7C9537B-BLC Datasheet
686Kb / 43P
OC-48/STM-16 Framer-POSIC2G
More results


Similar Description - CY7C955

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
PM5343 PMC-PM5343 Datasheet
1Mb / 2P
SONET/SDH TRANSPORT OVERHEAD TRANSCEIVER
logo
Infineon Technologies A...
V23826-H18-C INFINEON-V23826-H18-C Datasheet
291Kb / 9P
Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
logo
Cypress Semiconductor
CY7B952 CYPRESS-CY7B952 Datasheet
134Kb / 9P
SSTTM SONET/SDH Serial Transceiver
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
CS3455 AMCC-CS3455 Datasheet
89Kb / 2P
SONET/SDH/ATM OC-48 4-Bit Transceiver with CDR
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
155 Mbps SDH/SONET/ATM Transceiver
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Cypress Semiconductor
CY7B952 CYPRESS-CY7B952_11 Datasheet
466Kb / 16P
SST??SONET/SDH Serial Transceiver
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com