Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W164 Datasheet (PDF) - Cypress Semiconductor

W164 Datasheet PDF - Cypress Semiconductor
Part # W164
Download  W164 Download
File Size   137.14 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Spread Spectrum Desktop/Notebook System Frequency Generator

W164 Datasheet (PDF)

Go To PDF Page Download Datasheet
W164 Datasheet PDF - Cypress Semiconductor

Part # W164
Download  W164 Click to download

File Size   137.14 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Spread Spectrum Desktop/Notebook System Frequency Generator

W164 Datasheet (HTML) - Cypress Semiconductor


W164 Product details

Features
• Maximized EMI suppression using Cypress’s Spread Spectrum technology
• Reduces measured EMI by as much as 10 dB
• I2C programmable to 153 MHz (16 selectable frequencies)
• Two skew-controlled copies of CPU output
• SEL100/66# selects CPU frequency (100 or 66.8 MHz)
• Seven copies of PCI output (synchronous w/CPU output)
• One copy of 14.31818-MHz IOAPIC output
• One copy of 48-MHz USB output
• Selectable 24-/48-MHz output is determined by resistor straps on power-up
• One high-drive output buffer that produces a copy of the 14.318-MHz reference
• Isolated core VDD pin for noise reduction




Similar Part No. - W164

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W164 SPECTRALINEAR-W164 Datasheet
129Kb / 11P
Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Cypress Semiconductor
W164 CYPRESS-W164 Datasheet
142Kb / 12P
Spread Spectrum Desktop/Notebook System Frequency Generator
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
Spread Spectrum Desktop/Notebook System Frequency Generator
More results


Similar Description - W164

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W130 CYPRESS-W130 Datasheet
116Kb / 8P
Spread Spectrum Desktop/Notebook System Clock
October 27, 1999
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
Spread Spectrum BX System Frequency Generator
October 7, 1999, rev.
W48S111-14 CYPRESS-W48S111-14 Datasheet
137Kb / 11P
Spread Spectrum Desktop/Notebook System Frequency Generator
October 28, 1999, rev. 0.7
W48S87-72 CYPRESS-W48S87-72 Datasheet
248Kb / 19P
Desktop/Notebook Frequency Generator
August 4, 2000 rev. A
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
Spread Spectrum BX System Frequency Generator
W164 SPECTRALINEAR-W164 Datasheet
129Kb / 11P
Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Cypress Semiconductor
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
Spread Spectrum Desktop/Notebook System Frequency Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com