Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD-81 Datasheet (PDF) - Clare, Inc.

TD-81 Datasheet PDF - Clare, Inc.
Part # TD-81
Download  TD-81 Download
File Size   90.0 Kbytes
Page   5 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description MICROWAVE NOISE TUBES & NOISE SOURCES

TD-81 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD-81 Datasheet PDF - Clare, Inc.

Part # TD-81
Download  TD-81 Click to download

File Size   90.0 Kbytes
Page   5 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description MICROWAVE NOISE TUBES & NOISE SOURCES

TD-81 Datasheet (HTML) - Clare, Inc.


TD-81 Product details

DESCRIPTION
CP Clare’s TD Series of gas discharge microwave noise tubes and TN Series of gas discharge microwave noise sources are the element in a microwave RF system that allows accurate measurements of the noise figure of the receiver or its components. The requirements of a device used for making such noise figure measurements include broad bandwidth inherent in the active element, stability, ease of operation, and long life. In general, the range of usefulness of these noise sources permits measurements of noise figures from about 2 to 30dB. The PS-237 through PS-240 current-regulated power supplies can be used to operate many of the noise sources described herein.

FEATURES
■ Excess noise ratios (ENR): up to 20dB
■ Broad bandwidth
■ Excellent long term stability
■ Life up to 20,000 hours
■ AC, DC, or pulsed operation

APPLICATIONS
■ Noise figure measurement




Similar Part No. - TD-81

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
TD-81521-XX MACROMATIC-TD-81521-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-81522-XX MACROMATIC-TD-81522-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-81526-XX MACROMATIC-TD-81526-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-81528-XX MACROMATIC-TD-81528-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-81621-XX MACROMATIC-TD-81621-XX Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results


Similar Description - TD-81

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
RFN55L MICRONETICS-RFN55L Datasheet
91Kb / 3P
FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
BROADBAND COAXIAL MICROWAVE NOISE SOURCES
NZG-5-20K MICRONETICS-NZG-5-20K Datasheet
551Kb / 1P
NOIZEG BASEBAND NOISE SOURCES
NMA2218-A1T MICRONETICS-NMA2218-A1T Datasheet
182Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 GHz to 18 GHz
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
RFN25L MICRONETICS-RFN25L Datasheet
115Kb / 2P
Fullband Microwave Noise Sources 1 GHz to 2 GHz
RFN25S MICRONETICS-RFN25S Datasheet
92Kb / 2P
Fullband Microwave Noise Sources 2 GHz to 4 GHz
logo
Fairchild Semiconductor
AN-6605 FAIRCHILD-AN-6605 Datasheet
703Kb / 5P
Noise of Sources
logo
Keysight Technologies
N4000A KEYSIGHT-N4000A Datasheet
2Mb / 13P
SNS Series Noise Sources
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com