Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED2-5NJ Datasheet (PDF) - NEC

ED2-5NJ Datasheet PDF - NEC
Part # ED2-5NJ
Download  ED2-5NJ Download
File Size   389.81 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type

ED2-5NJ Datasheet (PDF)

Go To PDF Page Download Datasheet
ED2-5NJ Datasheet PDF - NEC

Part # ED2-5NJ
Download  ED2-5NJ Click to download

File Size   389.81 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type

ED2-5NJ Datasheet (HTML) - NEC


ED2-5NJ Product details

DESCRIPTION
NECs new miniature signal relays, ED2/EF2 series, achieved 50 mW of ultra low power consumption.

FEATURES
○ Low power consumption (50 mW)
○ Applicable for the surge voltage standard of FCC (1500 V, 10 × 160 µs) and BELLCORE (2500 V, 2 × 10 µs)
○ Two types for through-hole mounting (ED2 series) and surface mounting (EF2 series)
○ Variation of dense mounting type and/or long-joint-life type for latest SMT
    • Compatible configuration and terminal allocation with dense mounting type of EE2 series
    • Upgraded soldering joint reliability between the relay terminal and PCB by optimization of the terminal configuration;
        20-year-joint-life under 35˚C-per-day-temperature-difference specified in IPC-SM-785 for telecommuication equipment

APPLICATIONS
    Electronic switching systems, PBX, terminal equipment, telephone system, instrumental equipment.




Similar Part No. - ED2-5NJ

ManufacturerPart #DatasheetDescription
logo
NEC
ED2-5SNJ NEC-ED2-5SNJ Datasheet
159Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
ED2-5SNU NEC-ED2-5SNU Datasheet
159Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
ED2-5TNJ NEC-ED2-5TNJ Datasheet
159Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
ED2-5TNU NEC-ED2-5TNU Datasheet
159Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results


Similar Description - ED2-5NJ

ManufacturerPart #DatasheetDescription
logo
NEC
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
COMPACT AND LIGHTWEIGHT
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
Compact and lightweight
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
Compact and lightweight design
logo
NEC
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com