Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1045 Datasheet (PDF) - Dallas Semiconductor

DS1045 Datasheet PDF - Dallas Semiconductor
Part # DS1045
Download  DS1045 Download
File Size   95.03 Kbytes
Page   6 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4-Bit Dual Programmable Delay Line

DS1045 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1045 Datasheet PDF - Dallas Semiconductor

Part # DS1045
Download  DS1045 Click to download

File Size   95.03 Kbytes
Page   6 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4-Bit Dual Programmable Delay Line

DS1045 Datasheet (HTML) - Dallas Semiconductor


DS1045 Product details

DESCRIPTION
The DS1045 is a programmable silicon delay line having one input and two 4-bit programmable delay outputs. Each 4-bit programmable output offers the user 16 possible delay values to select from, starting with a minimum inherent DS1045 delay of 9 ns and a maximum achievable delay in the standard DS1045 family of 84 ns. The standard DS1045 product line provides the user with three devices having uniform delay increments of 3, 4, and 5 ns, depending on the device. Table 1 presents standard device family and delay capability. Additionally, custom delay increments are available for special order through Dallas Semiconductor.

FEATURES
● All-silicon time delay
● Two programmable outputs from a single input produce output-to-output
   delays between 9 and 84 ns depending on device type
● Programmable via four input pins
● Programmable increments of 3 to 5 ns with a minimum of 9 ns and a maximum of 84 ns
● Output pulse is a reproduction of input pulse after
● Delay with both leading and trailing edge accuracy
● Standard 16-pin DIP or surface mount 16-pin SOIC
● Auto-insertable
● Low-power CMOS design is TTL-compatible




Similar Part No. - DS1045

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS104 BRIDGELUX-DS104 Datasheet
1Mb / 24P
Gen 7 V8 Array
03/2022
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
logo
Dallas Semiconductor
DS1040-100 DALLAS-DS1040-100 Datasheet
111Kb / 6P
Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040-100 MAXIM-DS1040-100 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
More results


Similar Description - DS1045

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
Programmable 8-Bit Silicon Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
Programmable 8-Bit Silicon Delay Line
logo
Data Delay Devices, Inc...
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
4-BIT PROGRAMMABLE DELAY LINE
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU15F DATADELAY-PDU15F Datasheet
50Kb / 5P
5-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
8-BIT PROGRAMMABLE DELAY LINE
3D3424 DATADELAY-3D3424 Datasheet
357Kb / 6P
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7424 DATADELAY-3D7424 Datasheet
361Kb / 6P
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
Programmable 8-Bit Silicon Delay Line
111799
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com