Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1225 Datasheet (PDF) - Dallas Semiconductor

DS1225 Datasheet PDF - Dallas Semiconductor
Part # DS1225
Download  DS1225 Download
File Size   80.83 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 64K Nonvolatile SRAM

DS1225 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1225 Datasheet PDF - Dallas Semiconductor

Part # DS1225
Download  DS1225 Click to download

File Size   80.83 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 64K Nonvolatile SRAM

DS1225 Datasheet (HTML) - Dallas Semiconductor


DS1225 Product details

DESCRIPTION

The DS1225Y 64k Nonvolatile SRAM is a 65,536-bit, fully static, nonvolatile RAM organized as 8192 words by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry which constantly monitors VCCfor an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and writeprotection is unconditionally enabled to prevent data corruption. The NV SRAM can be used in place of existing 8k x 8 SRAMs directly conforming to the popular bytewide 28-pin DIP standard.



FEATURES

10 years minimum data retention in the absence of external power

Data is automatically protected during power loss

Directly replaces 2k x 8 volatile static RAM or EEPROM

Unlimited write cycles

Low-power CMOS

JEDEC standard 28-pin DIP package

Read and write access times as fast as 150 ns

Full ±10% operating range

Optional industrial temperature range of

-40°C to +85°C, designated IND




Similar Part No. - DS1225

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1225 TTELEC-DS1225 Datasheet
806Kb / 3P
Platon Vampire - Electronic Indicator
logo
Dallas Semiconductor
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
64k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1225AB MAXIM-DS1225AB Datasheet
210Kb / 9P
64k Nonvolatile SRAM
19-5625; Rev 11/10
logo
Dallas Semiconductor
DS1225AB-150 DALLAS-DS1225AB-150 Datasheet
147Kb / 10P
64k Nonvolatile SRAM
DS1225AB-150-IND DALLAS-DS1225AB-150-IND Datasheet
147Kb / 10P
64k Nonvolatile SRAM
More results


Similar Description - DS1225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
1024Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
64k Nonvolatile SRAM
logo
Sanyo Semicon Device
LC3664BL-10 SANYO-LC3664BL-10 Datasheet
200Kb / 7P
64K SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
128Kx16 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1225AB DALLAS-DS1225AB_10 Datasheet
210Kb / 9P
64k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
16K Nonvolatile SRAM
DS1225Y ARTSCHIP-DS1225Y Datasheet
283Kb / 7P
64K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
1024K Nonvolatile SRAM
021998
DS1225Y MAXIM-DS1225Y Datasheet
185Kb / 8P
64k Nonvolatile SRAM
19-5603; Rev 10/10
DS1225AB MAXIM-DS1225AB Datasheet
210Kb / 9P
64k Nonvolatile SRAM
19-5625; Rev 11/10
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com