Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1236 Datasheet (PDF) - Dallas Semiconductor

DS1236 Datasheet PDF - Dallas Semiconductor
Part # DS1236
Download  DS1236 Download
File Size   323.19 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description MicroManager Chip

DS1236 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1236 Datasheet PDF - Dallas Semiconductor

Part # DS1236
Download  DS1236 Click to download

File Size   323.19 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description MicroManager Chip

DS1236 Datasheet (HTML) - Dallas Semiconductor


DS1236 Product details

DESCRIPTION
The DS1236 MicroManager Chip provides all the necessary functions for power supply monitoring, reset control, and memory backup in microprocessor-based systems. A precise internal voltage reference and comparator circuit monitor power supply status. When an out-of-tolerance condition occurs, the microprocessor reset and power-fail outputs are forced active, and static RAM control unconditionally write protects external memory.

FEATURES
■ Holds microprocessor in check during power transients
■ Halts and restarts an out-of-control microprocessor
■ Monitors pushbutton for external override
■ Warns microprocessor of an impending power failure
■ Converts CMOS SRAM into nonvolatile memory
■ Unconditionally write-protects memory when power supply is out of tolerance
■ Consumes less than 100 nA of battery current at 25°C
■ Controls external power switch for high current applications
■ Accurate 10% power supply monitoring
■ Optional 5% power supply monitoring designated DS1236-5
■ Provides orderly shutdown in nonvolatile microprocessor applications
■ Supplies necessary control for low-power “stop mode” in battery operated hand-held applications
■ Standard 16-pin DIP or space-saving 16-pin SOIC
■ Optional industrial temperature range -40°C to +85°C




Similar Part No. - DS1236

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1236 MAXIM-DS1236 Datasheet
435Kb / 19P
MicroManager Chip
011107
logo
Dallas Semiconductor
DS1236A DALLAS-DS1236A Datasheet
320Kb / 20P
MicroManager Chip
logo
Maxim Integrated Produc...
DS1236A MAXIM-DS1236A Datasheet
434Kb / 20P
MicroManager Chip
011107
DS1236AS-5 MAXIM-DS1236AS-5 Datasheet
435Kb / 19P
MicroManager Chip
011107
More results


Similar Description - DS1236

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1236A DALLAS-DS1236A Datasheet
320Kb / 20P
MicroManager Chip
DS1238 DALLAS-DS1238 Datasheet
216Kb / 14P
MicroManager
DS1239 DALLAS-DS1239 Datasheet
56Kb / 4P
MicroManager Chip
DS1238S DALLAS-DS1238S Datasheet
694Kb / 13P
MicroManager
logo
Maxim Integrated Produc...
DS1236AS-5 MAXIM-DS1236AS-5 Datasheet
435Kb / 19P
MicroManager Chip
011107
DS1239 MAXIM-DS1239 Datasheet
61Kb / 4P
MicroManager Chip
111899
DS1238A MAXIM-DS1238A Datasheet
216Kb / 13P
MicroManager
DS1238 MAXIM-DS1238 Datasheet
222Kb / 14P
MicroManager
111899
DS1236A MAXIM-DS1236A Datasheet
434Kb / 20P
MicroManager Chip
011107
DS1236 MAXIM-DS1236 Datasheet
435Kb / 19P
MicroManager Chip
011107
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com