Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1245W Datasheet (PDF) - Dallas Semiconductor

DS1245W Datasheet PDF - Dallas Semiconductor
Part # DS1245W
Download  DS1245W Download
File Size   218.18 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 1024k Nonvolatile SRAM

DS1245W Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1245W Datasheet PDF - Dallas Semiconductor

Part # DS1245W
Download  DS1245W Click to download

File Size   218.18 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 1024k Nonvolatile SRAM

DS1245W Datasheet (HTML) - Dallas Semiconductor


DS1245W Product details

DESCRIPTION

The DS1245W 3.3V 1024k Nonvolatile SRAM is a 1,048,576-bit, fully static, nonvolatile SRAM organized as 131,072 words by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry which constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. DIP-package DS1245W devices can be used in place of existing 128k x 8 static RAMs directly conforming to the popular bytewide 32-pin DIP standard. DS1245W devices in the PowerCap Module package are directly surface mountable and are normally paired with a DS9034PC PowerCap to form a complete Nonvolatile SRAM module. There is no limit on the number of write cycles that can be executed and no additional support circuitry is required for microprocessor interfacing.



FEATURES

■ 10 years minimum data retention in the absence of external power

■ Data is automatically protected during power loss

■ Replaces 128k x 8 volatile static RAM, EEPROM or Flash memory

■ Unlimited write cycles

■ Low-power CMOS

■ Read and write access times of 100ns

■ Lithium energy source is electrically disconnected to retain freshness until power is applied for the first time

■ Optional industrial temperature range of

   -40°C to +85°C, designated IND

■ JEDEC standard 32-pin DIP package

■ PowerCap Module (PCM) package

   - Directly surface-mountable module

   - Replaceable snap-on PowerCap provides lithium backup battery

   - Standardized pinout for all nonvolatile SRAM products

   - Detachment feature on PowerCap allows easy removal using a regular screwdriver



 




Similar Part No. - DS1245W

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
DS1245W-100+ MAXIM-DS1245W-100+ Datasheet
229Kb / 10P
3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
DS1245W-100IND+ MAXIM-DS1245W-100IND+ Datasheet
229Kb / 10P
3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
DS1245WP-100+ MAXIM-DS1245WP-100+ Datasheet
229Kb / 10P
3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
More results


Similar Description - DS1245W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1245Y DALLAS-DS1245Y Datasheet
221Kb / 12P
1024k Nonvolatile SRAM
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
3.3V 1024k Nonvolatile SRAM with Battery Monitor
DS1245YL DALLAS-DS1245YL Datasheet
181Kb / 9P
1024K Nonvolatile SRAM
DS1245Y DALLAS-DS1245Y_10 Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245Y-70IND MAXIM-DS1245Y-70IND Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
Rev 11/10
logo
ARTSCHIP ELECTRONICS CO...
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
1024K Nonvolatile SRAM
021998
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
DS1245AB MAXIM-DS1245AB Datasheet
229Kb / 10P
1024k Nonvolatile SRAM
19-5638; Rev 11/10
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com