Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1259 Datasheet (PDF) - Dallas Semiconductor

DS1259 Datasheet PDF - Dallas Semiconductor
Part # DS1259
Download  DS1259 Download
File Size   73.25 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Battery Manager Chip

DS1259 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1259 Datasheet PDF - Dallas Semiconductor

Part # DS1259
Download  DS1259 Click to download

File Size   73.25 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Battery Manager Chip

DS1259 Datasheet (HTML) - Dallas Semiconductor


DS1259 Product details

DESCRIPTION
The DS1259 Battery Manager Chip is a low-cost battery management system for portable and nonvolatile electronic equipment. A battery connected to the battery input pin supplies power to CMOS electronic circuits when primary power is lost through an efficient switch via the VCCO pins. When power is supplied from the battery, the power-fail signal is active to warn electronic reset circuits of the power status. Energy loss during shipping and handling is avoided by pulsing reset, thereby causing the battery to be isolated from other elements in the circuits.

FEATURES
■ Facilitates uninterruptible power
■ Uses battery only when primary VCC is not available
■ Low forward voltage drop
■ Power fail signal interrupts processor or write protects memory
■ Consumes less than 100 nA of battery current
■ Low battery warning signal
■ Battery can be electrically disconnected upon command
■ Battery will automatically reconnect when VCC is applied
■ Mates directly with DS1212 Nonvolatile Controller x 16 Chip to back up 16 RAMs
■ Optional 16-pin SOIC surface-mount package




Similar Part No. - DS1259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
Battery Manager Chip
111999
More results


Similar Description - DS1259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259 Datasheet
220Kb / 8P
MAX1259 Battery Manager
19-4638; Rev 1; 4/94
logo
Microchip Technology
PS402-01XX MICROCHIP-PS402-01XX Datasheet
614Kb / 46P
Single Chip Battery Manager - Nickel Chemistries
2003
PS501 MICROCHIP-PS501 Datasheet
583Kb / 42P
Single Chip Field Reprogrammable Battery Manager
2004
PS501 MICROCHIP-PS501_04 Datasheet
575Kb / 44P
Single Chip Field Reprogrammable Battery Manager - Nickel Chemistries
2004
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
Lowpower Semiconductor ...
LP28010 POWER-LP28010 Datasheet
770Kb / 12P
Single-Chip, Li-Ion/Polymer Battery Charge Manager
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
Battery Backup System Manager
logo
SHOUDING Shouding Semic...
SD8065 SHOUDING-SD8065 Datasheet
1Mb / 13P
Lithium titanate battery, lithium battery charge manager
logo
Maxim Integrated Produc...
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
Battery Manager Chip
111999
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
Battery Manager
2014
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com