Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN12032 Datasheet (PDF) - SIPAT Co,Ltd

LBN12032 Datasheet PDF - SIPAT Co,Ltd
Part # LBN12032
Download  LBN12032 Download
File Size   154.4 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description Hz SAW Filter 22MHz Bandwidth

LBN12032 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBN12032 Datasheet PDF - SIPAT Co,Ltd

Part # LBN12032
Download  LBN12032 Click to download

File Size   154.4 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description Hz SAW Filter 22MHz Bandwidth

LBN12032 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBN12032

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN12032 SIPAT-LBN12032 Datasheet
148Kb / 3P
120MHz SAW Filter 22MHz Bandwidth
More results


Similar Description - LBN12032

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 22MHz Bandwidth
LBN11548 SIPAT-LBN11548 Datasheet
138Kb / 3P
115MHz SAW Filter 22MHz Bandwidth
LBN09603 SIPAT-LBN09603 Datasheet
147Kb / 3P
96MHz SAW Filter 22MHz Bandwidth
LBN16043 SIPAT-LBN16043 Datasheet
139Kb / 3P
160MHz SAW Filter 22MHz Bandwidth
LBN12032 SIPAT-LBN12032 Datasheet
148Kb / 3P
120MHz SAW Filter 22MHz Bandwidth
LBN34002 SIPAT-LBN34002 Datasheet
196Kb / 3P
340MHz SAW Filter 22MHz Bandwidth
LBN11548 SIPAT-LBN11548 Datasheet
144Kb / 3P
115MHz SAW Filter 22MHz Bandwidth
LBN16043 SIPAT-LBN16043 Datasheet
144Kb / 3P
160MHz SAW Filter 22MHz Bandwidth
LBN34002 SIPAT-LBN34002 Datasheet
196Kb / 3P
340MHz SAW Filter 22MHz Bandwidth
logo
Transko Electronics, In...
TA06219BD TRANSKO-TA06219BD Datasheet
652Kb / 4P
62.5MHz IF SAW Filter / 19.5 Hz Bandwidth
Revision 0: 30. Jan. 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com