Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS12887 Datasheet (PDF) - Dallas Semiconductor

DS12887 Datasheet PDF - Dallas Semiconductor
Part # DS12887
Download  DS12887 Download
File Size   584.91 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Real Time Clock

DS12887 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS12887 Datasheet PDF - Dallas Semiconductor

Part # DS12887
Download  DS12887 Click to download

File Size   584.91 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Real Time Clock

DS12887 Datasheet (HTML) - Dallas Semiconductor


DS12887 Product details

DESCRIPTION
The DS12887 Real Time Clock plus RAM is designed to be a direct replacement for the DS1287. The DS12887 is identical in form, fit, and function to the DS1287, and has an additional 64 bytes of general purpose RAM. Access to this additional RAM space is determined by the logic level presented on AD6 during the address portion of an access cycle. A lithium energy source, quartz crystal, and write– protection circuitry are contained within a 24–pin dual in-line package. As such, the DS12887 is a complete subsystem replacing 16 components in a typical application.

FEATURES
■ Drop–in replacement for IBM AT computer clock/calendar
■ Pin-compatible with the MC146818B and DS1287
■ Totally nonvolatile with over 10 years of operation in the absence of power
■ Self–contained subsystem includes lithium, quartz, and support circuitry
■ Counts seconds, minutes, hours, days, day of the week, date, month, and year with leap year compensation valid up to 2100
■ Binary or BCD representation of time, calendar, and alarm
■ 12– or 24–hour clock with AM and PM in 12–hour mode
■ Daylight Savings Time option
■ Selectable between Motorola and Intel bus timing
■ Multiplex bus for pin efficiency
■ Interfaced with software as 128 RAM locations
   – 14 bytes of clock and control registers
   – 114 bytes of general purpose RAM
■ Programmable square wave output signal
■ Bus–compatible interrupt signals ( IRQ )
■ Three interrupts are separately software–maskable and testable
   – Time–of–day alarm once/second to once/day
   – Periodic rates from 122 ms to 500 ms
   – End of clock update cycle




Similar Part No. - DS12887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12887 MAXIM-DS12887 Datasheet
361Kb / 22P
Real-Time Clock
Rev 3; 2/07
DS12887 MAXIM-DS12887 Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
DS12887+ MAXIM-DS12887+ Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
DS12887+ MAXIM-DS12887+ Datasheet
361Kb / 22P
Real-Time Clock
Rev 3; 2/07
DS12887A MAXIM-DS12887A Datasheet
217Kb / 2P
Real-Time Clock
073102
More results


Similar Description - DS12887

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com