Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS12C887 Datasheet (PDF) - Dallas Semiconductor

DS12C887 Datasheet PDF - Dallas Semiconductor
Part # DS12C887
Download  DS12C887 Download
File Size   193.93 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Real Time Clock

DS12C887 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS12C887 Datasheet PDF - Dallas Semiconductor

Part # DS12C887
Download  DS12C887 Click to download

File Size   193.93 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Real Time Clock

DS12C887 Datasheet (HTML) - Dallas Semiconductor


DS12C887 Product details

DESCRIPTION
The DS12C887 Real Time Clock plus RAM is designed as a direct upgrade replacement for the DS12887 in existing IBM compatible personal computers to add hardware year 2000 compliance. A century byte was added to memory location 50, 32h, as called out by the PC AT specification. A lithium energy source, quartz crystal, and write-protection circuitry are contained within a 24–pin dual in-line package.
   
FEATURES
■ Drop-in replacement for IBM AT computer
    clock/calendar
■ Pin compatible with the MC146818B and
    DS1287
■ Totally nonvolatile with over 10 years of
    operation in the absence of power
■ Self-contained subsystem includes lithium,
    quartz, and support circuitry.
■ Counts seconds, minutes, hours, days, day of
    the week, date, month, and year with leap
    year compensation valid up to 2100
■ Binary or BCD representation of time,
    calendar, and alarm
■ 12– or 24–hour clock with AM and PM in
    12–hour mode
■ Daylight Savings Time option
■ Selectable between Motorola and Intel bus
    timing
■ Multiplex bus for pin efficiency
■ Interfaced with software as 128 RAM
    locations
    – 15 bytes of clock and control registers
    – 113 bytes of general purpose RAM
■ Programmable square wave output signal
■ Bus–compatible interrupt signals (IRQ)
■ Three interrupts are separately software
    maskable and testable
    – Time–of–day alarm once/second to
        once/day
    – Periodic rates from 122 ms to 500 ms
    – End of clock update cycle
■ Century register
   




Similar Part No. - DS12C887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12C887 MAXIM-DS12C887 Datasheet
361Kb / 22P
Real-Time Clock
Rev 3; 2/07
DS12C887 MAXIM-DS12C887 Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
logo
ARTSCHIP ELECTRONICS CO...
DS12C887 ARTSCHIP-DS12C887 Datasheet
520Kb / 19P
Real Time Clock
logo
SYC Electronica
DS12C887 SYC-DS12C887 Datasheet
283Kb / 22P
Real-Time Clock
logo
Maxim Integrated Produc...
DS12C887+ MAXIM-DS12C887+ Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
More results


Similar Description - DS12C887

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com