Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1337 Datasheet (PDF) - Dallas Semiconductor

DS1337 Datasheet PDF - Dallas Semiconductor
Part # DS1337
Download  DS1337 Download
File Size   364.09 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial Real-Time Clock

DS1337 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1337 Datasheet PDF - Dallas Semiconductor

Part # DS1337
Download  DS1337 Click to download

File Size   364.09 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial Real-Time Clock

DS1337 Datasheet (HTML) - Dallas Semiconductor


DS1337 Product details

GENERAL DESCRIPTION
The DS1337 serial real-time clock is a low-power clock/calendar with two programmable time-of-day alarms and a programmable square-wave output. Address and data are transferred serially via a 2-wire, bidirectional bus. The clock/calendar provides seconds, minutes, hours, day, date, month, and year information. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including corrections for leap year. The clock operates in either the 24-hour or 12-hour format with AM/PM indicator.

FEATURES
■ Real-Time Clock (RTC) Counts Seconds,
   Minutes, Hours, Day, Date, Month, and Year
   with Leap-Year Compensation Valid Up to 2100
■ Two-Wire Serial Interface
■ Two Time-of-Day Alarms
■ Oscillator Stop Flag
■ Programmable Square-Wave Output
   – Defaults to 32kHz on Power-Up
■ Available in 8-Pin DIP, SO, or μSOP

APPLICATIONS
   Handhelds (GPS, POS Terminal, MP3 Player)
   Consumer Electronics (Set-Top Box, VCR/Digital
      Recording)
   Office Equipment (Fax/Printer, Copier)
   Medical (Glucometer, Medicine Dispenser)
   Telecommunications (Router, Switcher, Server)
   Other (Utility Meter, Vending Machine, Thermostat,
      Modem)




Similar Part No. - DS1337

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337 Datasheet
576Kb / 15P
I2C Serial Real-Time Clock
REV: 092706
DS1337 MAXIM-DS1337 Datasheet
242Kb / 16P
I2C Serial Real-Time Clock
7/09
DS1337+ MAXIM-DS1337+ Datasheet
576Kb / 15P
I2C Serial Real-Time Clock
REV: 092706
DS1337+ MAXIM-DS1337+ Datasheet
242Kb / 16P
I2C Serial Real-Time Clock
7/09
DS1337C MAXIM-DS1337C Datasheet
576Kb / 15P
I2C Serial Real-Time Clock
REV: 092706
More results


Similar Description - DS1337

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
SERIAL REAL-TIME CLOCK
23-Jul-2004
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
SERIAL REAL-TIME CLOCK
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
Serial real-time clock
09-Jun-2011
logo
Integrated Device Techn...
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
Serial Real-Time Clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
Serial Real-Time Clock
2019
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com