Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN15014 Datasheet (PDF) - SIPAT Co,Ltd

LBN15014 Datasheet PDF - SIPAT Co,Ltd
Part # LBN15014
Download  LBN15014 Download
File Size   261.82 Kbytes
Page   5 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 137.5&158.75MHz SAW Filter 5&12.5MHz Bandwidth

LBN15014 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBN15014 Datasheet PDF - SIPAT Co,Ltd

Part # LBN15014
Download  LBN15014 Click to download

File Size   261.82 Kbytes
Page   5 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 137.5&158.75MHz SAW Filter 5&12.5MHz Bandwidth

LBN15014 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBN15014

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN15014 SIPAT-LBN15014 Datasheet
273Kb / 5P
137.5&158.75MHz SAW Filter 5&12.5MHz Bandwidth
More results


Similar Description - LBN15014

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0137BA02305S ICST-SF0137BA02305S Datasheet
137Kb / 2P
137.5 MHz Filter
Rev 1.0
logo
SIPAT Co,Ltd
LBN15014 SIPAT-LBN15014 Datasheet
273Kb / 5P
137.5&158.75MHz SAW Filter 5&12.5MHz Bandwidth
logo
API Technologies Corp
SF0250BA03189S APITECH-SF0250BA03189S Datasheet
149Kb / 3P
249.6 MHz SAW Filter 5 MHz Bandwidth
SF0140BA02486S APITECH-SF0140BA02486S Datasheet
150Kb / 3P
140 MHz SAW Filter 5 MHz Bandwidth
SF0140BA02449S APITECH-SF0140BA02449S Datasheet
163Kb / 3P
140 MHz SAW Filter 5 MHz Bandwidth
SF0137BA02305S APITECH-SF0137BA02305S Datasheet
160Kb / 3P
137.5 MHz SAW Filter 1 MHz Bandwidth
SF0044BA01800T APITECH-SF0044BA01800T Datasheet
162Kb / 3P
44 MHz SAW Filter 5 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0350BA03152S SPECTRUM-SF0350BA03152S Datasheet
149Kb / 3P
350 MHz SAW Filter 5 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1581A TAI-SAW-TA1581A Datasheet
127Kb / 7P
SAW Filter 137.5 MHz
TB1141A TAI-SAW-TB1141A Datasheet
534Kb / 11P
SAW Filter 467.751MHz 12.5MHz BW (SMD 3.0횞3.0 mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com