Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1495 Datasheet (PDF) - Dallas Semiconductor

DS1495 Datasheet PDF - Dallas Semiconductor
Part # DS1495
Download  DS1495 Download
File Size   193.88 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description RAMified Real Time Clock

DS1495 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1495 Datasheet PDF - Dallas Semiconductor

Part # DS1495
Download  DS1495 Click to download

File Size   193.88 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description RAMified Real Time Clock

DS1495 Datasheet (HTML) - Dallas Semiconductor


DS1495 Product details

FEATURES

• Ideal for EISA bus PCs

• Functionally compatible with MC146818 in 32 KHz mode

• Totally nonvolatile with over 10 years of operation in the absence of power

• Self-contained subsystem includes lithium, quartz, and support circuitry

• Counts seconds, minutes, hours, day of the week, date, month, and year with leap year compensation

• Binary or BCD representations of time, calendar, and alarm

• 12- or 24-hour clock with AM and PM in 12-hour mode

• Daylight Savings Time option

• Interfaced with software as 64 register/RAM locations plus 8K x 8 of static RAM

   – 14 bytes of clock and control registers

   – 50 bytes of general and control registers

   – Separate 8K x 8 nonvolatile SRAM

• Programmable square wave output signal

• Bus-compatible interrupt signals (IRQ)

• Three interrupts are separately software-maskable and testable:

   – Time-of-day alarm once/second to once/day

   – Periodic rates from 122 µs to 500 ms

   – End-of-clock update cycle

• 28-pin JEDEC footprint

• Available as chip (DS1495/DS1495S) or stand alone module with embedded lithium battery and crystal (DS1497)



 




Similar Part No. - DS1495

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS149 BRIDGELUX-DS149 Datasheet
865Kb / 15P
Dim-To-Warm 6mm Array
7/2023
logo
Dallas Semiconductor
DS1490F DALLAS-DS1490F Datasheet
141Kb / 3P
2-in-1 Fob
More results


Similar Description - DS1495

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1395 DALLAS-DS1395 Datasheet
193Kb / 19P
RAMified Real Time Clock
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1385 DALLAS-DS1385 Datasheet
142Kb / 20P
RAMified Real Time Clock 4K x 8
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com