Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1557 Datasheet (PDF) - Dallas Semiconductor

DS1557 Datasheet PDF - Dallas Semiconductor
Part # DS1557
Download  DS1557 Download
File Size   268.72 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4MEG NV Y2KC Timekeeping RAM

DS1557 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1557 Datasheet PDF - Dallas Semiconductor

Part # DS1557
Download  DS1557 Click to download

File Size   268.72 Kbytes
Page   19 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4MEG NV Y2KC Timekeeping RAM

DS1557 Datasheet (HTML) - Dallas Semiconductor


DS1557 Product details

DESCRIPTION
The DS1557 is a full function, year 2000-compliant (Y2KC), real-time clock/calendar (RTC) with a RTC alarm, watchdog timer, power-on reset, battery monitor, and 512k x 8 non-volatile static RAM. User access to all registers within the DS1557 is accomplished with a bytewide interface as shown in Figure 1. The RTC Registers contain century, year, month, date, day, hours, minutes, and seconds data in 24-hour BCD format. Corrections for day of month and leap year are made automatically.

FEATURES
◾ Integrated NV SRAM, real time clock, crystal, power-fail control circuit and lithium energy source
◾ Clock registers are accessed identically to the static RAM; these registers are resident in the 16 top RAM locations
◾ Century byte register; i.e., Y2K complaint
◾ Totally nonvolatile with over 10 years of operation in the absence of power
◾ Precision power-on reset
◾ Programmable watchdog timer and RTC alarm
◾ BCD coded year, month, date, day, hours, minutes, and seconds with automatic leap year compensation valid up to the year 2100
◾ Battery voltage level indicator flag
◾ Power-fail write protection allows for ±10% VCC power supply tolerance
◾ Lithium energy source is electrically disconnected to retain freshness until power is applied for the first time




Similar Part No. - DS1557

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1557P/YP/WP MAXIM-DS1557P/YP/WP Datasheet
114Kb / 5P
PowerCap with Crystal
Rev 10/10
More results


Similar Description - DS1557

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1554 DALLAS-DS1554 Datasheet
284Kb / 21P
256K NV Y2KC Timekeeping RAM
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
Nonvolatile Timekeeping RAM
DS1742 DALLAS-DS1742 Datasheet
163Kb / 12P
Y2KC Nonvolatile Timekeeping RAM
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
Y2KC Nonvolatile Timekeeping RAM
DS1543 DALLAS-DS1543 Datasheet
199Kb / 17P
64k NV Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com