Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1629 Datasheet (PDF) - Dallas Semiconductor

DS1629 Datasheet PDF - Dallas Semiconductor
Part # DS1629
Download  DS1629 Download
File Size   985.11 Kbytes
Page   22 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 2-Wire Digital Thermometer and Real Time Clock

DS1629 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1629 Datasheet PDF - Dallas Semiconductor

Part # DS1629
Download  DS1629 Click to download

File Size   985.11 Kbytes
Page   22 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 2-Wire Digital Thermometer and Real Time Clock

DS1629 Datasheet (HTML) - Dallas Semiconductor


DS1629 Product details

DESCRIPTION

The DS1629 2-Wire Digital Thermometer and Real Time Clock integrates the critical functions of a real time clock and a temperature monitor in a small outline 8-pin SOIC package. Communication to the DS1629 is accomplished via a 2-wire interface. The wide power supply range and minimal power requirement of the DS1629 allow for accurate time/temperature measurements in battery-powered applications.



FEATURES

Measures temperatures from -55°C to +125°C; Fahrenheit equivalent is -67°F to 257°F

Real time clock counts seconds, minutes, hours, date of the month, month, day of the week, and year with leap year compensation through the year 2100

Thermometer accuracy is ±2.0°C (typ)

Thermometer resolution is 9 bits (expandable)

Thermostatic and time alarm settings are user definable. Dedicated open-drain Alarm output

32 bytes SRAM for general data storage

Data is read from/written to via a 2-wire serial interface. (open drain I/O lines)

Wide power supply range (2.2V - 5.5V)

Applications include personal computers/PDAs, cellular telephones, office equipment, dataloggers, or any thermally sensitive system

8-pin 150mil SOIC package




Similar Part No. - DS1629

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1629 MAXIM-DS1629 Datasheet
496Kb / 23P
2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
DS1629S+ MAXIM-DS1629S+ Datasheet
496Kb / 23P
2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
DS1629S+T&R MAXIM-DS1629S+T&R Datasheet
496Kb / 23P
2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
More results


Similar Description - DS1629

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35390A SII-S-35390A Datasheet
701Kb / 54P
2-WIRE REAL-TIME CLOCK
S-35392A SII-S-35392A Datasheet
618Kb / 47P
2-WIRE REAL-TIME CLOCK
S-35399A02 SII-S-35399A02 Datasheet
787Kb / 55P
2-WIRE REAL-TIME CLOCK
S-35399A03 SII-S-35399A03 Datasheet
571Kb / 51P
2-WIRE REAL-TIME CLOCK
logo
Feature Integration Tec...
F15353 FINTEK-F15353 Datasheet
1,004Kb / 38P
2-wire Real-time Clock
logo
Seiko Instruments Inc
S35391A SII-S35391A Datasheet
2Mb / 53P
2-WIRE REAL-TIME CLOCK
S35392A SII-S35392A Datasheet
2Mb / 48P
2-WIRE REAL-TIME CLOCK
S35399A03 SII-S35399A03 Datasheet
3Mb / 54P
2-WIRE REAL-TIME CLOCK
logo
Maxim Integrated Produc...
MAX31629 MAXIM-MAX31629 Datasheet
575Kb / 21P
I2C Digital Thermometer and Real-Time Clock
Rev 1; 12/14
DS1629 MAXIM-DS1629 Datasheet
496Kb / 23P
2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com