Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1644LPM Datasheet (PDF) - Dallas Semiconductor

DS1644LPM Datasheet PDF - Dallas Semiconductor
Part # DS1644LPM
Download  DS1644LPM Download
File Size   108.0 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Nonvolatile Timekeeping RAM?

DS1644LPM Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1644LPM Datasheet PDF - Dallas Semiconductor

Part # DS1644LPM
Download  DS1644LPM Click to download

File Size   108.0 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Nonvolatile Timekeeping RAM?

DS1644LPM Datasheet (HTML) - Dallas Semiconductor


DS1644LPM Product details

DESCRIPTION
The DS1644L is a low profile module that requires a PLCC surface mountable socket and is functionally equivalent to the DS1644. The DS1644L is a 32K x 8 nonvolatile static RAM with a full function real time clock which are both accessible in a Byte–wide format. The real time clock information resides in the eight upper most RAM locations. The RTC registers contain year, month, date, day, hours, minutes, and seconds data in 24 hour BCD format. Corrections for the day of the month and leap year are made automatically.

FEATURES
• Upward compatible with the DS1643AL Timekeeping RAM to achieve higher RAM density
• Integrated NV SRAM, real time clock, crystal, power–fail control circuit and lithium energy source
• Low profile socketable module
   – 255 mil package height
• Clock registers are accessed identical to the static RAM.
  These registers are resident in the eight top RAM locations.
• Totally nonvolatile with over 10 years of operation in the absence of power
• Access time of 120 ns and 150 ns
• Quartz accuracy ±1 minute a month @ 25°C, factory calibrated
• BCD coded year, month, date, day, hours, minutes, and seconds with leap year compensation valid up to 2100
• Power–fail write protection allows for ±10% VCC power supply tolerance




Similar Part No. - DS1644LPM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1644 MAXIM-DS1644 Datasheet
215Kb / 14P
Nonvolatile Timekeeping RAM
Rev 4/10
logo
Dallas Semiconductor
DS1644+120 DALLAS-DS1644+120 Datasheet
302Kb / 13P
Nonvolatile Timekeeping RAM
DS1644-120 DALLAS-DS1644-120 Datasheet
302Kb / 13P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1644-120+ MAXIM-DS1644-120+ Datasheet
215Kb / 14P
Nonvolatile Timekeeping RAM
Rev 4/10
logo
Dallas Semiconductor
DS16440-120 DALLAS-DS16440-120 Datasheet
302Kb / 13P
Nonvolatile Timekeeping RAM
More results


Similar Description - DS1644LPM

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1642 MAXIM-DS1642 Datasheet
145Kb / 13P
Nonvolatile Timekeeping RAM
Rev 5/10
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
Nonvolatile Timekeeping RAM
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
Nonvolatile Timekeeping RAM
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com