Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1666 Datasheet (PDF) - Dallas Semiconductor

DS1666 Datasheet PDF - Dallas Semiconductor
Part # DS1666
Download  DS1666 Download
File Size   49.88 Kbytes
Page   7 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Audio Digital Resistor

DS1666 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1666 Datasheet PDF - Dallas Semiconductor

Part # DS1666
Download  DS1666 Click to download

File Size   49.88 Kbytes
Page   7 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Audio Digital Resistor

DS1666 Datasheet (HTML) - Dallas Semiconductor


DS1666 Product details

DESCRIPTION

The DS1666 Audio Digital Resistor is a solid-state potentiometer composed of 127 digitally controlled resistive elements. Between each resistive section and both ends of the potentiometer are tap points multiplexed to the wiper.



FEATURES

128 position, digitally controlled potentiometer

Operates from a +5 volts power supply with TTL signal inputs

Wide analog voltage range of ±5 volts

Low-power CMOS

14-pin DIP or 16-pin SOIC for surface mount applications

Default position on power up sets wiper position to 10% of active digital taps (3% of the total end-to-end resistance)

Operating temperature range

  –  Industrial temp. range: -40°C to +85°C

 




Similar Part No. - DS1666

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1666 MAXIM-DS1666 Datasheet
137Kb / 9P
Audio Digital Resistor
102899
DS1666-010 MAXIM-DS1666-010 Datasheet
137Kb / 9P
Audio Digital Resistor
102899
DS1666-050 MAXIM-DS1666-050 Datasheet
137Kb / 9P
Audio Digital Resistor
102899
DS1666-100 MAXIM-DS1666-100 Datasheet
137Kb / 9P
Audio Digital Resistor
102899
DS1666S-010* MAXIM-DS1666S-010* Datasheet
137Kb / 9P
Audio Digital Resistor
102899
More results


Similar Description - DS1666

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACAC97 CALMIRCO-PACAC97 Datasheet
54Kb / 4P
PC AUDIO RESISTOR NETWORK
logo
Texas Instruments
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
AUDIO Transformers Digital Audio Transformers
logo
Rhombus Industries Inc.
T-10247 RHOMBUS-IND-T-10247_98 Datasheet
34Kb / 1P
Digital Audio
T-10252 RHOMBUS-IND-T-10252 Datasheet
23Kb / 1P
DIGITAL AUDIO
11/12/99
logo
Mixed Signal Integratio...
MSRAAF MSI-MSRAAF Datasheet
98Kb / 8P
Resistor Programmable Active Audio Filter
logo
Maxim Integrated Produc...
DS1666 MAXIM-DS1666 Datasheet
137Kb / 9P
Audio Digital Resistor
102899
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com