Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1677 Datasheet (PDF) - Dallas Semiconductor

DS1677 Datasheet PDF - Dallas Semiconductor
Part # DS1677
Download  DS1677 Download
File Size   162.24 Kbytes
Page   17 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Portable System Controller

DS1677 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1677 Datasheet PDF - Dallas Semiconductor

Part # DS1677
Download  DS1677 Click to download

File Size   162.24 Kbytes
Page   17 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Portable System Controller

DS1677 Datasheet (HTML) - Dallas Semiconductor


DS1677 Product details

GENERAL DESCRIPTION
The DS1677 portable system controller is a circuit that incorporates many of the functions necessary for low-power portable products integrated into one chip. The device provides a real-time clock (RTC), NV RAM controller, microprocessor monitor, power-fail warning, and a 3-channel, 8-bit analog-to-digital converter (ADC). Communication with the DS1677 is established through a simple 3-wire interface.

FEATURES
■ Provides Real-Time Clock
    Counts Seconds, Minutes, Hours, Date of the Month, Month, Day of the Week, and Year with Leap Year Compensation Valid Up to 2100
    Power Control Circuitry Supports System Power-On from Day/Time Alarm
■ Microprocessor Monitor
    Halts Microprocessor During Power-Fail
    Automatically Restarts Microprocessor After Power Failure
    Monitors Pushbutton for External Override
    Halts and Resets an Out-of-Control Microprocessor
■ NV RAM Control
    Automatic Battery Backup and Write Protection to External SRAM
■ 3-Channel, 8-Bit ADC
■ Simple 3-Wire Interface
■ +5.0V Operation
■ 1.25V Threshold Detector for Power-Fail Warning
■ UL Recognized




Similar Part No. - DS1677

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677-5 DALLAS-DS1677-5 Datasheet
549Kb / 18P
Portable System Controller
DS1677E DALLAS-DS1677E Datasheet
549Kb / 18P
Portable System Controller
logo
Maxim Integrated Produc...
DS1677E MAXIM-DS1677E Datasheet
230Kb / 18P
Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677E+ DALLAS-DS1677E+ Datasheet
549Kb / 18P
Portable System Controller
More results


Similar Description - DS1677

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
Portable System Controller
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
Integrated Portable System Processor
logo
Dallas Semiconductor
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
Portable System Controller with Touch-Screen Control
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
Portable System Controller
logo
Maxim Integrated Produc...
DS1670 MAXIM-DS1670 Datasheet
366Kb / 16P
Portable System Controller
REV: 080805
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
Portable System Controller
REV: 080905
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
Lightweight Portable Amplification System
5/28/14
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com