Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1691 Datasheet (PDF) - Dallas Semiconductor

DS1691 Datasheet PDF - Dallas Semiconductor
Part # DS1691
Download  DS1691 Download
File Size   46.35 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control

DS1691 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1691 Datasheet PDF - Dallas Semiconductor

Part # DS1691
Download  DS1691 Click to download

File Size   46.35 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control

DS1691 Datasheet (HTML) - Dallas Semiconductor


DS1691 Product details

GENERAL DESCRIPTION
The DS1688/DS1691 are real-time clocks (RTCs) designed as successors to the industry standard DS1285, DS1385, DS1485, and DS1585 PC real-time clocks. These devices provide the industry standard DS1285 clock function with the new feature of either +3.0V or +5.0V operation and automatic backup and write protection to an external SRAM.

FEATURES
Incorporates Industry Standard DS1287 PC Clock Plus Enhanced Features:
■ +3V or +5V Operation
■ 64-Bit Silicon Serial Number
■ 64-Bit Customer Specific ROM or Additional Serial Number Available
■ Power Control Circuitry Supports System Power-On from Date/Time Alarm or Key Closure
■ Automatic Battery Backup and Write Protection to External SRAM
■ Crystal Select Bit Allows RTC to Operate with 6Pf or 12.5Pf Crystal
■ 114 Bytes User NV RAM
■ Auxiliary Battery Input
■ RAM Clear Input
■ Century Register
■ 32kHz Output for Power Management
■ 32-Bit VCC Powered Elapsed Time Counter
■ 32-Bit VBAT Powered Elapsed Time Counter
■ 16-Bit Power-Cycle Counter
■ Compatible with Existing BIOS for Original DS1287 Functions
■ Available as IC (DS1688) or Stand-Alone Module with Embedded Battery and Crystal (DS1691)
■ Timekeeping Algorithm Includes Leap Year Compensation Valid Up to 2100




Similar Part No. - DS1691

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1691 NSC-DS1691 Datasheet
275Kb / 10P
(RS-422/RS-423) Line Drivers with TRI-STATE Outputs
logo
Dallas Semiconductor
DS1691 DALLAS-DS1691 Datasheet
395Kb / 6P
3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1691 MAXIM-DS1691 Datasheet
99Kb / 3P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
logo
National Semiconductor ...
DS1691A NSC-DS1691A Datasheet
275Kb / 10P
(RS-422/RS-423) Line Drivers with TRI-STATE Outputs
logo
Texas Instruments
DS1691A TI1-DS1691A Datasheet
1,000Kb / 15P
Line Drivers with TRI-STATE Outputs
More results


Similar Description - DS1691

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS1558 DALLAS-DS1558 Datasheet
492Kb / 18P
Watchdog Clock with NV RAM Control
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
Real-Time Clock with NV RAM
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com