Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1DE Datasheet (PDF) - Micro Commercial Components

GS1DE Datasheet PDF - Micro Commercial Components
Part # GS1DE
Download  GS1DE Download
File Size   270.12 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Silicon Rectifier 50 to 1000 Volts

GS1DE Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1DE Datasheet PDF - Micro Commercial Components

Part # GS1DE
Download  GS1DE Click to download

File Size   270.12 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Silicon Rectifier 50 to 1000 Volts

GS1DE Datasheet (HTML) - Micro Commercial Components


GS1DE Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Easy Pick And Place
• 260C for 10s and 230 for 45s of High Temp. Soldering
• Low Thermal Resistance
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - GS1DE

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1DE MCC-GS1DE Datasheet
252Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1DE MCC-GS1DE Datasheet
296Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1DE-TPS05 MCC-GS1DE-TPS05 Datasheet
421Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
More results


Similar Description - GS1DE

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL_11 Datasheet
176Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
GS1AE MCC-GS1AE Datasheet
252Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L Datasheet
246Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1A-TPS05 MCC-GS1A-TPS05 Datasheet
287Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1B-LTP MCC-GS1B-LTP Datasheet
255Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1M-LTP MCC-GS1M-LTP Datasheet
258Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
FSM11PL MCC-FSM11PL_13 Datasheet
168Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
GS1AE MCC-GS1AE_15 Datasheet
296Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1AE-TPS05 MCC-GS1AE-TPS05 Datasheet
421Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L_17 Datasheet
362Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com