Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1804 Datasheet (PDF) - Dallas Semiconductor

DS1804 Datasheet PDF - Dallas Semiconductor
Part # DS1804
Download  DS1804 Download
File Size   85.79 Kbytes
Page   7 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description NV Trimmer Potentiometer

DS1804 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1804 Datasheet PDF - Dallas Semiconductor

Part # DS1804
Download  DS1804 Click to download

File Size   85.79 Kbytes
Page   7 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description NV Trimmer Potentiometer

DS1804 Datasheet (HTML) - Dallas Semiconductor


DS1804 Product details

DESCRIPTION
The DS1804 NV trimmer potentiometer is a nonvolatile digital potentiometer that has 100 positions. The device provides an ideal method for low-cost trimming applications using a CPU or manual control input with minimal external circuitry. Wiper position of the DS1804 can be stored in EEPROM memory ondemand. The device’s wiper position is manipulated by a three-terminal port that provides an increment/ decrement counter controlled interface. This port consists of the control inputs CS, INC, and U/D. TheDS1804 is available in three resistor grades, which include a 10kΩ, 50kΩ, and 100kΩ. The device is provided in an industrial temperature grade. Additionally, the DS1804 will operate from 3V or 5V supplies and is ideal for portable application requirements. Three packaging options are available and include the 8-pin (300 mils) DIP, 8-pin (150 mils) SO, and 8-pin (118 mils) μSOP.

FEATURES
● Single 100-Position Taper Potentiometer
● Nonvolatile (NV) On-Demand Wiper Storage
● Operates from 3V or 5V Supplies
● Up/Down, Increment-Controlled Interface
● Available in 8-Pin (300 mils) DIP, 8-Pin (150 mils) SO, and 8-Pin (118 mils) µSOP
● -40°C to +85°C Operating Temperature Range
● Standard Resistance Values:
     – DS1804-010: 10kΩ
     – DS1804-050: 50kΩ
     – DS1804-100: 100kΩ




Similar Part No. - DS1804

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
NV Trimmer Potentiometer
043002
DS1804 MAXIM-DS1804 Datasheet
172Kb / 10P
Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Rev 6/11
DS1804-010 MAXIM-DS1804-010 Datasheet
171Kb / 8P
NV Trimmer Potentiometer
043002
DS1804-010 MAXIM-DS1804-010 Datasheet
172Kb / 10P
Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Rev 6/11
DS1804-050 MAXIM-DS1804-050 Datasheet
171Kb / 8P
NV Trimmer Potentiometer
043002
More results


Similar Description - DS1804

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
NV Trimmer Potentiometer
043002
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
Trimmer Potentiometer
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1015 SHARMA-WIW1015 Datasheet
722Kb / 1P
Trimmer Potentiometer
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
Trimmer Potentiometer
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
TRIMMER POTENTIOMETER
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com