Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN23001 Datasheet (PDF) - SIPAT Co,Ltd

LBN23001 Datasheet PDF - SIPAT Co,Ltd
Part # LBN23001
Download  LBN23001 Download
File Size   134.38 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 230.4MHz SAW Filter 60MHz Bandwidth

LBN23001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBN23001 Datasheet PDF - SIPAT Co,Ltd

Part # LBN23001
Download  LBN23001 Click to download

File Size   134.38 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 230.4MHz SAW Filter 60MHz Bandwidth

LBN23001 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBN23001

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN23001 SIPAT-LBN23001 Datasheet
134Kb / 3P
230.4MHz SAW Filter 60MHz Bandwidth
More results


Similar Description - LBN23001

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0422A TAI-SAW-TA0422A Datasheet
695Kb / 5P
SAW Filter 230.4MHz SMD 5.0횞5.0 mm
logo
SIPAT Co,Ltd
LBN15504 SIPAT-LBN15504 Datasheet
137Kb / 3P
155MHz SAW Filter 60MHz Bandwidth
LBN23001 SIPAT-LBN23001 Datasheet
134Kb / 3P
230.4MHz SAW Filter 60MHz Bandwidth
LBN15504 SIPAT-LBN15504 Datasheet
137Kb / 3P
155MHz SAW Filter 60MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1695A TAI-SAW-TA1695A Datasheet
420Kb / 8P
SAW Filter 1740MHz 60MHz BW SMD 1.4X1.1 mm
TA1696A TAI-SAW-TA1696A Datasheet
329Kb / 8P
SAW Filter 1950MHz 60MHz BW SMD 1.4X1.1 mm
TB1142A TAI-SAW-TB1142A Datasheet
337Kb / 8P
SAW Filter 230.4MHz 60MHz BW (SMD 7.0횞5.0 mm)
TB1240A TAI-SAW-TB1240A Datasheet
342Kb / 7P
SAW Filter 260MHz 60MHz BW (SMD 7.0횞5.0mm)
TB1270A TAI-SAW-TB1270A Datasheet
325Kb / 7P
SAW Filter 176MHz 60MHz BW (SMD 7.0횞5.0mm)
TA2632A TAI-SAW-TA2632A Datasheet
360Kb / 8P
SAW Filter 1880 MHz (BW 60MHz) SMD 1.1X0.9mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com