Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1844 Datasheet (PDF) - Dallas Semiconductor

DS1844 Datasheet PDF - Dallas Semiconductor
Part # DS1844
Download  DS1844 Download
File Size   289.84 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Quad Digital Potentiometer

DS1844 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1844 Datasheet PDF - Dallas Semiconductor

Part # DS1844
Download  DS1844 Click to download

File Size   289.84 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Quad Digital Potentiometer

DS1844 Datasheet (HTML) - Dallas Semiconductor


DS1844 Product details

DESCRIPTION

The DS1844 Quad Digital Potentiometer is a four-channel, digitally controlled linear potentiometer. Each potentiometer is comprised of 63 equi-resistive sections and has three terminals accessible to the user. These include the high side terminals, HX, the wiper terminals, WX, and the low-side terminals, LX. The wiper position on the resistor ladder is selected via an 8-bit register value. Communication and control of the device are supported by two types of serial interface. These include a 5-wire I/O shift register interface and a 2-wire addressable interface.



FEATURES

●Four independent, digitally controlled 64-position potentiometers

●Two interface control options

        - 5-wire serial

        - 2-wire addressable

●Standard resistance values

        - DS1844-010 10 k

        - DS1844-050 50 k

        - DS1844-100 100 k

●Mixed resistor value combinations (contact factory for availability)

●Operating Temperature Range

- Industrial: -40°C to +85°C




Similar Part No. - DS1844

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
260Kb / 14P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
Quad Digital Potentiometer
053105
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844_05 Datasheet
260Kb / 14P
Quad Digital Potentiometer
More results


Similar Description - DS1844

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241 XICOR-X9241 Datasheet
76Kb / 16P
Quad E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844_05 Datasheet
260Kb / 14P
Quad Digital Potentiometer
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
logo
Maxim Integrated Produc...
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
Quad Digital Potentiometer
053105
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com