Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2108 Datasheet (PDF) - Dallas Semiconductor

DS2108 Datasheet PDF - Dallas Semiconductor
Part # DS2108
Download  DS2108 Download
File Size   68.49 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Differential SCSI Switchable Terminator

DS2108 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2108 Datasheet PDF - Dallas Semiconductor

Part # DS2108
Download  DS2108 Click to download

File Size   68.49 Kbytes
Page   5 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Differential SCSI Switchable Terminator

DS2108 Datasheet (HTML) - Dallas Semiconductor


DS2108 Product details

DESCRIPTION
The DS2108 SCSI Terminator has been specifically designed for High Voltage Differential (HVD) SCSI systems requiring switchable termination. The DS2108 integrates eighteen 330-ohm and nine 150-ohm precise switched termination resistors into a monolithic IC. The surface mount SOIC package saves board space over conventional resistor SIPs. The termination resistors can be isolated from the SCSI bus under software or hardware control. While in the powered down mode, the DS2108 isolates the nine terminator blocks from the bus while adding only 6 pF capacitance to each signal line of the SCSI bus.

FEATURES
■ Fully compliant with SCSI, SCSI-2 and SCSI-3 standards
■ Conforms to EIA RS-485 standard
■ Provides differential termination for 9 pairs of signal lines
■ Operates with SCSI signal voltages of -7 to +12 Volts
■ Laser-trimmed 330 and 150-ohm termination resistors have ±5% tolerance over full temperature range
■ Switchable power-down mode
■ Low power down capacitance of 6 pF
■ 24-pin plastic SOIC (DS2108S)




Similar Part No. - DS2108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
Differential SCSI Switchable Terminator
112099
More results


Similar Description - DS2108

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
SCSI Terminator
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
SCSI Terminator
logo
Motorola, Inc
MCCS142233 MOTOROLA-MCCS142233 Datasheet
592Kb / 10P
9-Bit Switchable SCSI Passive Bus Terminator
logo
ON Semiconductor
MCCS142236 ONSEMI-MCCS142236 Datasheet
159Kb / 5P
18-Bit Switchable Active SCSI-2 Bus Terminator
February, 2010 ??Rev. 6
MCCS142238 ONSEMI-MCCS142238 Datasheet
89Kb / 5P
18-Bit Switchable Active SCSI-2 Bus Terminator
1997 REV 2
logo
Texas Instruments
UC5612 TI1-UC5612_13 Datasheet
320Kb / 10P
LOW VOLTAGE DIFFERENTIAL SCSI 9LINE TERMINATOR
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
SCSI Terminator
112099
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
SCSI Terminator
070198
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
Differential SCSI Switchable Terminator
112099
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com