Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2141A Datasheet (PDF) - Dallas Semiconductor

DS2141A Datasheet PDF - Dallas Semiconductor
Part # DS2141A
Download  DS2141A Download
File Size   470.07 Kbytes
Page   39 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1 Controller

DS2141A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2141A Datasheet PDF - Dallas Semiconductor

Part # DS2141A
Download  DS2141A Click to download

File Size   470.07 Kbytes
Page   39 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1 Controller

DS2141A Datasheet (HTML) - Dallas Semiconductor


DS2141A Product details

DESCRIPTION
The DS2141A is a comprehensive, software–driven T1 framer. It is meant to act as a slave or coprocessor to a microcontroller or microprocessor. Quick access via the parallel control port allows a single micro to handle many T1 lines. The DS2141A is very flexible and can be configured into numerous orientations via software. The software orientation of the device allows the user to modify their design to conform to future T1 specification changes. The controller contains a set of 62 8–bit internal registers which the user can access. These internal registers are used to configure the device and obtain information from the T1 link. The device fully meets all of the latest T1 specifications including ANSI T1.403–1989, AT&T TR 62411 (12–90), and CCITT G.704 and G.706.

FEATURES
• DS1/ISDN–PRI framing transceiver
• Frames to D4, ESF, and SLC–96 formats
• Parallel control port
• Onboard, dual two–frame elastic store slip buffers
• Extracts and inserts robbed–bit signaling
• Programmable output clocks
• Onboard FDL support circuitry
• 5V supply; low–power CMOS
• Available in 40–pin DIP and 44–pin PLCC (DS2141Q)
• Compatible with DS2186 Transmit Line Interface, DS2187 Receive Line Interface, DS2188 Jitter Attenuator, DS2290 T1 Isolation Stik, and DS2291 T1 Long Loop Stik.




Similar Part No. - DS2141A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2141A MAXIM-DS2141A Datasheet
475Kb / 39P
T1 Controller
112099
More results


Similar Description - DS2141A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3134 DALLAS-DS3134 Datasheet
777Kb / 203P
Chateau Channelized T1 And E1 And HDLC Controller
DS2282 DALLAS-DS2282 Datasheet
192Kb / 22P
T1 FDL Controller/Monitor Stik
logo
Bel Fuse Inc.
0559-5999-05 BEL-0559-5999-05 Datasheet
59Kb / 1P
T1 TRANSFORMER
logo
Filtran LTD
8150 FILTRAN-8150 Datasheet
268Kb / 2P
T1/CEPT Quad Port T1/E1
logo
SCHOTT CORPORATION
36607 SCHOTT-36607 Datasheet
16Kb / 1P
TRANSFORMER, T1
logo
Infineon Technologies A...
F3L200R07W2S5F_B11 INFINEON-F3L200R07W2S5F_B11 Datasheet
1Mb / 17P
IGBT, T1 / T4 / IGBT, T1 / T4
V3.0 2020-06-29
F3L400R10W3S7_B11 INFINEON-F3L400R10W3S7_B11 Datasheet
1Mb / 21P
IGBT, T1 / T4 / IGBT, T1 / T4
V3.0 2020-02-27
F3L400R10W3S7F_B11 INFINEON-F3L400R10W3S7F_B11 Datasheet
1Mb / 21P
IGBT, T1 / T4 / IGBT, T1 / T4
V3.0 2020-04-02
logo
Maxim Integrated Produc...
DS2141A MAXIM-DS2141A Datasheet
475Kb / 39P
T1 Controller
112099
DS3134 MAXIM-DS3134 Datasheet
783Kb / 203P
Chateau ??Channelized T1 And E1 And HDLC Controller
101600
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com